Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX348 Datasheet (PDF) - Texas Instruments

OPAX348 Datasheet PDF - Texas Instruments
Part # OPAX348
Download  OPAX348 Download
File Size   1009.48 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1μA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS

OPAX348 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX348 Datasheet PDF - Texas Instruments

Part # OPAX348
Download  OPAX348 Click to download

File Size   1009.48 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1μA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS

OPAX348 Datasheet (HTML) - Texas Instruments


OPAX348 Product details

FEATURES
LOW SUPPLY CURRENT: 1μA
GAIN-BANDWIDTH: 70kHz
UNITY-GAIN STABLE
LOW INPUT BIAS CURRENT: 10pA (max)
WIDE SUPPLY RANGE: 1.8V to 5.5V
INPUT RANGE: 200mV Beyond Rails
OUTPUT SWINGS TO 350mV OF RAILS
OUTPUT DRIVE CURRENT: 8mA
OPEN-LOOP GAIN: 90dB
MicroPACKAGES: SC70, SOT23-5, SOT23-8

APPLICATIONS
BATTERY PACKS AND POWER SUPPLIES
PORTABLE PHONES, PAGERS, AND CAMERAS
SOLAR-POWERED SYSTEMS
SMOKE, GAS, AND FIRE DETECTION SYSTEMS
REMOTE SENSORS
PCMCIA CARDS
DRIVING ANALOG-TO-DIGITAL (A/D) CONVERTERS
MicroPOWER FILTERS

DESCRIPTION
The OPA349 and OPA2349 are ultra-low power operational
amplifiers that provide 70kHz bandwidth with only 1μA quiescent
current. These rail-to-rail input and output amplifiers are
specifically designed for battery-powered applications. The
input common-mode voltage range extends 200mV beyond
the power-supply rails and the output swings to within 350mV
of the rails, maintaining wide dynamic range. Unlike some
micropower op amps, these parts are unity-gain stable and
require no external compensation to achieve wide bandwidth.
The OPA349 features a low input bias current that
allows the use of large source and feedback resistors.
The OPA349 can be operated with power supplies from 1.8V
to 5.5V with little change in performance, ensuring continuing
superior performance even in low battery situations.
The OPA349 comes in miniature SOT23-5, SC70, and SO-8
surface-mount packages. The OPA2349 dual is available in
SOT23-8, and SO-8 surface-mount packages. These tiny
packages are ideal for use in high-density applications, such
as PCMCIA cards, battery packs, and portable instruments.
The OPA349 is specified for 0°C to +70°C. The OPA2349 is
specified for –40°C to +70°C.




Similar Part No. - OPAX348

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPAX348 BURR-BROWN-OPAX348 Datasheet
237Kb / 12P
1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPAx348 TI1-OPAx348 Datasheet
1Mb / 29P
1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPAx348 TI1-OPAx348 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPAX348 TI2-OPAX348 Datasheet
1,011Kb / 27P
1μA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
REVISED JANUARY 2004
OPAX348 TI2-OPAX348 Datasheet
1Mb / 37P
TLVx379 Cost-Optimized, Low-Voltage, 4-μA, Rail-to-Rail I/O Operational Amplifiers
REVISED AUGUST 2017
More results


Similar Description - OPAX348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com