Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1586019-2 Datasheet (PDF) - TE Connectivity Ltd

1-1586019-2 Datasheet PDF - TE Connectivity Ltd
Part # 1-1586019-2
Download  1-1586019-2 Download
File Size   534.32 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 4.2 mm PE Series Connector System, Wire-to-Wire and Wire-to-Board

1-1586019-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
1-1586019-2 Datasheet PDF - TE Connectivity Ltd

Part # 1-1586019-2
Download  1-1586019-2 Click to download

File Size   534.32 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 4.2 mm PE Series Connector System, Wire-to-Wire and Wire-to-Board

1-1586019-2 Datasheet (HTML) - TE Connectivity Ltd


1-1586019-2 Product details

DESCRIPTION
• Low cost, wire-to-wire and wire-to-board
connectors with 4.2 mm x 4.2 mm centerline

APPLICATIONS
• Computer motherboards/power supplies
• Harness assemblies used in the Vending,
Gaming and Appliance industries
• Car alarm systems
• Heating systems

KEY FEATURES
• Easy mate and unmate with positive latch
design
• 2-24 positions (even only): receptacles, panel
mount or free-hanging plugs, and vertical or
right-angle pin headers
• Available in UL 94V-2 or UL 94V-0 flammability
rated nylon
• Products are lead free to help promote a
cleaner environment
• Intermateable and interchangeable with Molex
Mini-Fit, Jr. and intermateable AMP-DUAC

ELECTRICAL
• Voltage: 600 VAC
• Current: 9 amps max. in 2-position applications
• Dielectric Withstanding Voltage: 1500 VAC min.
• Insulation Resistance: 1000 megohms min.

MECHANICAL
• Connector Mating: 1.55 lb. [6.90N] max. per circuit
• Connector Unmating: .11 lb. [.49N] min. per circuit
• Contact Retention: 4.88 lb. [21.71N] min. per contact
• Durability: 50 cycles, mating and unmating

MATERIALS
• Housings: Nylon, UL 94V-2 and UL 94V-0 • Contacts: Brass or Phos Bronze with tin plating
(Lead-Free) or gold plating

STANDARDS & SPECS
• Component Recognized by UL and Certified by CSA
• UL File No. E28476 and CSA File No. 208567
• Tyco Electronics Design For Environment (DFE)
Standard 230-5




Similar Part No. - 1-1586019-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
AMP Soft Shell Pin and Socket Connectors
logo
TE Connectivity Ltd
1-1586041-6 TEC-1-1586041-6 Datasheet
115Kb / 4P
5645946-2
08/18/2021
More results


Similar Description - 1-1586019-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
1.25mm Wire-To-Board System
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
Adam Technologies, Inc.
DMW-XX ADAM-TECH-DMW-XX Datasheet
78Kb / 1P
WIRE TO WIRE SYSTEM
logo
Molex Electronics Ltd.
1723230003 MOLEX-1723230003 Datasheet
597Kb / 10P
APPLICATION SPECIFICATION FOR ULTRA-FIT WIRE TO BOARD AND WIRE TO WRIE CONNECTOR SYSTEM
1/04/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com