Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0804089 Datasheet (PDF) - PHOENIX CONTACT

0804089 Datasheet PDF - PHOENIX CONTACT
Part # 0804089
Download  0804089 Download
File Size   269.09 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-I/UT/LED - Socket

0804089 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804089 Datasheet PDF - PHOENIX CONTACT

Part # 0804089
Download  0804089 Click to download

File Size   269.09 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-I/UT/LED - Socket

0804089 Datasheet (HTML) - PHOENIX CONTACT


0804089 Product details

Socket, with light indicator, Pin connector pattern type I, connection method: Screw connection,
color: gray, nom. voltage: 250 V AC (50 Hz), nominal current: 10 A, for mounting on a DIN rail in
the service interface or direct mounting, standards/specifications: GB 2099.1 and GB 1002,
Country marking: China




Similar Part No. - 0804089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804087 PHOENIX-0804087 Datasheet
266Kb / 8P
EO-I/UT - Socket
0804088 PHOENIX-0804088 Datasheet
267Kb / 8P
EO-I/UT/GN - Socket
More results


Similar Description - 0804089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1648296 PHOENIX-1648296 Datasheet
153Kb / 6P
HC-B 24-I-UT-M
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com