Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA303 Datasheet (PDF) - Texas Instruments

INA303 Datasheet PDF - Texas Instruments
Part # INA303
Download  INA303 Download
File Size   1044.85 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators

INA303 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA303 Datasheet PDF - Texas Instruments

Part # INA303
Download  INA303 Click to download

File Size   1044.85 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators

INA303 Datasheet (HTML) - Texas Instruments


INA303 Product details

1 Features
1• Wide common-mode input range: –0.1 V to +36 V
• Dual comparator outputs:
– INA302: Two independent overlimit alerts
– INA303: Window comparator
– Threshold levels set individually
– Comparator 1 alert response: 1 μs
– Comparator 2 adjustable delay: 2 μs to 10 s
– Open-drain outputs with independent latch
control modes
• High accuracy amplifier:
– Offset voltage: 30 μV (max, A3 version)
– Offset voltage drift: 0.5 μV/°C (max)
– Gain error: 0.15% (max, A3 version)
– Gain error drift: 10 ppm/°C
• Available amplifier gains:
– INA302A1, INA303A1: 20 V/V
– INA302A2, INA303A2: 50 V/V
– INA302A3, INA303A3: 100 V/V

2 Applications
• Overcurrent protection
• Motor control
• Power-supply protection
• Computers and servers
• Telecom equipment

3 Description
The INA302 and INA303 (INA30x) devices feature a
high common-mode, bidirectional, current-sensing
amplifier and two high-speed comparators to detect
out-of-range current conditions. The INA302
comparators are configured to detect and respond to
overcurrent conditions. The INA303 comparators are
configured to respond to both overcurrent and
undercurrent conditions in a windowed configuration.
These devices feature an adjustable limit threshold
range for each comparator set using an external limitsetting
resistor. These current-shunt monitors can
measure differential voltage signals on commonmode
voltages that can vary from –0.1 V up to +36 V,
independent of the supply.
The open-drain alert outputs can be configured to
operate in either a transparent mode (output status
follows the input state), or in a latched mode (alert
output is cleared when the latch is reset). The alert
response time for comparator 1 is under 1 μs, and
the alert response for comparator 2 is set through an
external capacitor ranging from 2 μs to 10 s.
These devices operate from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 950 μA.
The devices are specified over the extended
operating temperature range of –40°C to +125°C, and
are available in a 14-pin TSSOP package.




Similar Part No. - INA303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA303 TI1-INA303 Datasheet
153Kb / 6P
Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA303 TI1-INA303 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA303 TI2-INA303 Datasheet
1Mb / 42P
INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
REVISED MARCH 2019
INA303-Q1 TI1-INA303-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
INA303-Q1 TI2-INA303-Q1 Datasheet
1Mb / 42P
INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
REVISED MARCH 2019
More results


Similar Description - INA303

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
Overcurrent-Protection, Current-Sense Comparator
INA302 TI1-INA302 Datasheet
153Kb / 6P
Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com