Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA286 Datasheet (PDF) - Texas Instruments

INA286 Datasheet PDF - Texas Instruments
Part # INA286
Download  INA286 Download
File Size   1060.6 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series

INA286 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA286 Datasheet PDF - Texas Instruments

Part # INA286
Download  INA286 Click to download

File Size   1060.6 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series

INA286 Datasheet (HTML) - Texas Instruments


INA286 Product details

1 Features
1• Wide Common-Mode Range: –14 V to +80 V
• Offset Voltage: ±20 μV
• CMRR: 140 dB
• Accuracy:
– ±1.4% Gain Error (Max)
– 0.3 μV/°C Offset Drift
– 0.005%/°C Gain Drift (Max)
• Available Gains:
– 50 V/V: INA282
– 100 V/V: INA286
– 200 V/V: INA283
– 500 V/V: INA284
– 1000 V/V: INA285
• Quiescent Current: 900 μA (Max)

2 Applications
• Telecom Equipment
• Automotive
• Power Management
• Solar Inverters

3 Description
The INA28x family includes the INA282, INA283,
INA284, INA285, and INA286 devices. These devices are voltage output current shunt monitors that can
sense drops across shunts at common-mode
voltages from –14 V to +80 V, independent of the
supply voltage. The low offset of the zero-drift architecture enables current sensing with maximum
drops across the shunt as low as 10 mV full-scale.
These current sense amplifiers operate from a single
+2.7-V to +18-V supply, drawing a maximum of 900
μA of supply current. These devices are specified
over the extended operating temperature range of –40°C to +125°C, and offered in SOIC-8 and
VSSOP-8 packages.




Similar Part No. - INA286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA286 TI-INA286 Datasheet
706Kb / 31P
High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA286 TI-INA286 Datasheet
686Kb / 31P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA286 TI-INA286 Datasheet
1Mb / 33P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA286 TI2-INA286 Datasheet
1Mb / 39P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
REVISED MAY 2015
INA286-Q1 TI-INA286-Q1 Datasheet
1Mb / 34P
INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
More results


Similar Description - INA286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282 Datasheet
706Kb / 31P
High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282_12 Datasheet
1Mb / 33P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_15 Datasheet
1Mb / 36P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA283 TI-INA283_15 Datasheet
1Mb / 36P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
Zero-Drift Series, Current-Shunt Monitors
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com