Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0804151 Datasheet (PDF) - PHOENIX CONTACT

0804151 Datasheet PDF - PHOENIX CONTACT
Part # 0804151
Download  0804151 Download
File Size   275.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-N/PT/LED/DUO/GN - Double socket

0804151 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804151 Datasheet PDF - PHOENIX CONTACT

Part # 0804151
Download  0804151 Click to download

File Size   275.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-N/PT/LED/DUO/GN - Double socket

0804151 Datasheet (HTML) - PHOENIX CONTACT


0804151 Product details

Double socket, with light indicator, Pin connector pattern type N, connection method: Push-in
spring connection, color: green, nom. voltage: 250 V AC (50 Hz ... 60 Hz), nominal current: 10 A,
DIN rail or direct mounting, Country marking: Brazil




Similar Part No. - 0804151

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804150 PHOENIX-0804150 Datasheet
275Kb / 8P
EO-N/PT/LED/DUO - Double socket
0804152 PHOENIX-0804152 Datasheet
268Kb / 8P
EO-AB/UT/15 - Socket
0804155 PHOENIX-0804155 Datasheet
271Kb / 8P
EO-AB/UT/LED/15 - Socket
0804157 PHOENIX-0804157 Datasheet
270Kb / 8P
EO-AB/UT/LED/F - Socket
0804159 PHOENIX-0804159 Datasheet
270Kb / 8P
EO-AB/UT/S/15 - Socket
More results


Similar Description - 0804151

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
logo
Molex Electronics Ltd.
SD-35842-002 MOLEX-SD-35842-002 Datasheet
236Kb / 1P
SEALED PT BULB SOCKET DOUBLE HOUSING ASSY (B-TYPE)
2019/11/11
logo
PHOENIX CONTACT
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com