Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0804045 Datasheet (PDF) - PHOENIX CONTACT

0804045 Datasheet PDF - PHOENIX CONTACT
Part # 0804045
Download  0804045 Download
File Size   271.25 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-CF/PT/S - Socket

0804045 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804045 Datasheet PDF - PHOENIX CONTACT

Part # 0804045
Download  0804045 Click to download

File Size   271.25 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-CF/PT/S - Socket

0804045 Datasheet (HTML) - PHOENIX CONTACT


0804045 Product details

Socket, with switch, Pin connector pattern type CF, connection method: Push-in spring
connection, color: gray, nom. voltage: 250 V AC (50 Hz), nominal current: 16 A, DIN rail or direct
mounting, standards/specifications: VDE 0620-1, IEC 60884-1, Country marking: Germany




Similar Part No. - 0804045

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804040 PHOENIX-0804040 Datasheet
294Kb / 8P
EO-CF/PT/LED - Socket
0804041 PHOENIX-0804041 Datasheet
271Kb / 8P
EO-CF/PT/LED/GN - Socket
0804042 PHOENIX-0804042 Datasheet
271Kb / 8P
EO-CF/PT/LED/F - Socket
0804043 PHOENIX-0804043 Datasheet
271Kb / 8P
EO-CF/PT/LED/F/GN - Socket
0804046 PHOENIX-0804046 Datasheet
272Kb / 8P
EO-CF/PT/LED/S - Socket
More results


Similar Description - 0804045

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CF2A-50-SG-R ADAM-TECH-CF2A-50-SG-R Datasheet
128Kb / 1P
CF TYPE SOCKET
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
CF TYPE SOCKET
CFR-50-A-SG-E-X ADAM-TECH-CFR-50-A-SG-E-X Datasheet
114Kb / 1P
CF SOCKET SLIM TYPE
logo
PHOENIX CONTACT
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com