Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2886A Datasheet (PDF) - Monolithic Power Systems

MP2886A Datasheet PDF - Monolithic Power Systems
Part # MP2886A
Download  MP2886A Download
File Size   2894.74 Kbytes
Page   113 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Digital, Multi-Phase PWM Controller with PMBus and PWM-VID

MP2886A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2886A Datasheet PDF - Monolithic Power Systems

Part # MP2886A
Download  MP2886A Click to download

File Size   2894.74 Kbytes
Page   113 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Digital, Multi-Phase PWM Controller with PMBus and PWM-VID

MP2886A Datasheet (HTML) - Monolithic Power Systems


MP2886A Product details

DESCRIPTION
The MP2886A is a digital, multi-phase, pulsewidth modulation (PWM) controller with a digital
PWM-VID interface that is compatible with
NVIDIA’s Open VReg specification. The
MP2886A works with MPS’ Intelli-Phase
products to complete the multi-phase voltage
regulator (VR) solution with minimal external
components. The MP2886A can be configured
with up to 6-phase operation.
The MP2886A provides an on-chip EEPROM to
store and restore device configurations. Device
configurations and fault parameters can be
easily programmed or monitored via the
PMBus/I2C interface. The MP2886A can monitor
and report the output current through the CS
output from the Intelli-Phase products.
The MP2886A is based on a unique, digital,
multi-phase, non-linear control and provides fast
transient response to the load transient with
minimal output capacitors. With only one powerloop control method for both steady state and
load transient, the power loop compensation is
very easy to configure.
The MP2886A is available in a QFN-40
(5mmx5mm) package.

FEATURES
 Programmable Multi-Phase up to 6 Phases
 PWM-VID Interface Compatible with NVIDIA
 PMBus/I2C Compliant (1MHz Bus Speed)
 Pin Programmable for PMBus Address
 Built-In EEPROM to Store Custom
Configurations
 Switching Frequency Range 200kHz to
5MHz
 Automatic Loop Compensation
 Fewer External Components than A
Conventional Analog Controller
 Best Transient Performance with NonLinear Digital Control
 Flexible Phase Assignment
 Auto-Phase Shedding to Improve Overall
Efficiency
 Phase-to-Phase Active Current Balancing
with Programmable Offsets for Thermal
Balance
 Output Voltage/Current, Input Voltage/
Power Monitoring
 Regulator Temperature Monitoring
 VIN UVLO, Output OVP/UVP, OCP, OTP
with No Action, Latch, Retry, or Hiccup
Mode Options
 Detecting for Intelli-Phase MOSFET Fault
Type and Auto-Record to EEPROM
 Register Map Password Lock
 Digital Load-Line Regulation
 Available in an RoHS Compliant QFN-40
(5mmx5mm) Package

APPLICATIONS
 Graphic Card Core Power
 Server Core Power
 Telecom and Networking Systems
 Base Stations




Similar Part No. - MP2886A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2884A MPS-MP2884A Datasheet
5Mb / 107P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.01
MP2884AGU MPS-MP2884AGU Datasheet
5Mb / 107P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.01
MP2888AGU MPS-MP2888AGU Datasheet
4Mb / 113P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.1
More results


Similar Description - MP2886A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
DS8813D RICHTEK-DS8813D Datasheet
359Kb / 23P
Multi-Phase PWM Controller with PWM-VID Reference
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
logo
Richtek Technology Corp...
RT8816C RICHTEK-RT8816C Datasheet
374Kb / 23P
Dual-Phase PWM Controller with PWM-VID Reference
January 2021
RT8820A RICHTEK-RT8820A Datasheet
361Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
February 2020
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
Multi-Phase PWM Controller with PWM-VID Reference
January 2021
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
RT8816A RICHTEK-RT8816A Datasheet
352Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com