Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2CLR8 Datasheet (PDF) - TUK Ltd

PS2CLR8 Datasheet PDF - TUK Ltd
Part # PS2CLR8
Download  PS2CLR8 Download
File Size   2612.06 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 8p8c 2 Part FTP Plug for XXL Cables

PS2CLR8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2CLR8 Datasheet PDF - TUK Ltd

Part # PS2CLR8
Download  PS2CLR8 Click to download

File Size   2612.06 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description 8p8c 2 Part FTP Plug for XXL Cables

PS2CLR8 Datasheet (HTML) - TUK Ltd


PS2CLR8 Product details

Features
 Designed for Category 6 and 6A performance
 Able to accommodate Category 6A and 7 cable with overall cable O.D. up to 8mm
 Suitable for inner cores up to 1.5mm O.D.
 3 prong contacts for solid and stranded cable
 2 part plug
 Shielded
 No soldering required
 Suitable with TUK’s specialist crimp tool T2079




Similar Part No. - PS2CLR8

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
PS2CLR TUK-PS2CLR Datasheet
232Kb / 2P
Strain Relief Over Boots
PS2CLR6 TUK-PS2CLR6 Datasheet
232Kb / 2P
Strain Relief Over Boots
More results


Similar Description - PS2CLR8

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45M-LR-R ASSMANN-A-RJ45M-LR-R Datasheet
228Kb / 1P
8P8C PLUG FOR CABLE ASSEMBLY TYPE
A-RJ45M-SR-R ASSMANN-A-RJ45M-SR-R Datasheet
233Kb / 1P
8P8C PLUG FOR CABLE ASEEMBLY TYPE
A-MO-8-8-SF ASSMANN-A-MO-8-8-SF Datasheet
164Kb / 1P
MODULAR PLUG 8P8C UNSHIELD
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
logo
Assmann Electronics Inc...
A-MO-8-8-SFS ASSMANN-A-MO-8-8-SFS Datasheet
55Kb / 1P
Modular Cable Plug - 8P8C,
logo
SICK AG
DOL-0803-G05MNI SICK-DOL-0803-G05MNI Datasheet
230Kb / 4P
Plug connectors cables
DOL-0803-W25MNI SICK-DOL-0803-W25MNI Datasheet
254Kb / 4P
Plug connectors cables
DOL-0804-G05MNI SICK-DOL-0804-G05MNI Datasheet
223Kb / 4P
Plug connectors cables
logo
SparkFun Electronics
TOL-14694 SPARKFUN-TOL-14694 Datasheet
79Kb / 2P
Shapeoko XXL
6??5??8
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com