Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEDV3 Datasheet (PDF) - Midas Components

LEDV3 Datasheet PDF - Midas Components
Part # LEDV3
Download  LEDV3 Download
File Size   406.87 Kbytes
Page   1 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LEDV3 is a small board designed to drive the LED back light of various LCD displays.

LEDV3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDV3 Datasheet PDF - Midas Components

Part # LEDV3
Download  LEDV3 Click to download

File Size   406.87 Kbytes
Page   1 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LEDV3 is a small board designed to drive the LED back light of various LCD displays.

LEDV3 Datasheet (HTML) - Midas Components


LEDV3 Product details

FEATURES
■ High Output Voltage: Up to 40V.
■ High Output Current Switch: Up to 3A..
■ Input voltage range 2.9v to 16.0v input.
■ Brightness adjustment.
■ High Efficiency: Up to 93%.
■ Ballast resistors for up to 4 channels.




Similar Part No. - LEDV3

ManufacturerPart #DatasheetDescription
logo
Midas Components
LEDV3 MIDASDISPLAYS-LEDV3 Datasheet
1Mb / 13P
TFT Module
Version: 1 09/04/2018
LEDV3 MIDASDISPLAYS-LEDV3 Datasheet
1Mb / 27P
TFT Module
Version: 1 16/04/2018
LEDV3 MIDASDISPLAYS-LEDV3 Datasheet
1Mb / 21P
TFT Module
Version: 1 22/03/2018
More results


Similar Description - LEDV3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
Dual LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
LCD Back Light Inverter Drive IC
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
Evaluation Board is designed to aid in the characterization of National
logo
Taiwan Memory Technolog...
T6505A TMT-T6505A Datasheet
189Kb / 2P
T6505A is designed for LED displays.
logo
STMicroelectronics
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
logo
List of Unclassifed Man...
DT8211 ETC1-DT8211 Datasheet
225Kb / 10P
LCD Back Light Inverter Drive IC - The DT8211 is a LCD backlight inverter controller for driving CCFL (Cold Cathode Fluorescent Lamp)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com