Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D609BK. Datasheet (PDF) - Multicomp Pro

D609BK. Datasheet PDF - Multicomp Pro
Part # D609BK.
Download  D609BK. Download
File Size   310.68 Kbytes
Page   7 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description D Series - Standard D Shells

D609BK. Datasheet (PDF)

Go To PDF Page Download Datasheet
D609BK. Datasheet PDF - Multicomp Pro

Part # D609BK.
Download  D609BK. Click to download

File Size   310.68 Kbytes
Page   7 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description D Series - Standard D Shells

D609BK. Datasheet (HTML) - Multicomp Pro


D609BK. Product details

Features:
• Top or side knockout cable entry.
• Two long finger jack screws (59mm).
• Two short jack screws (13mm).
• 4/40 UNC jack screw thread.
• Side cable entry only suitable with short jack screws.
• Flame retardant ABS.
• Nickel plated steel screws and clamp.
• Two countersunk fixing screws.
• Wide cable clamp range.
• Lip height = 1.0.




Similar Part No. - D609BK.

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
D60961 NXP-D60961 Datasheet
438Kb / 16P
2110–2170 MHz, 18 W AVG., 28 V AIRFAST RF POWER LDMOS TRANSISTOR
Rev. 1, 01/2022
More results


Similar Description - D609BK.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDE-10D ETC1-MDE-10D Datasheet
75Kb / 1P
Standard D Series 10 mm Disc
MDE-5D180M ETC1-MDE-5D180M Datasheet
85Kb / 1P
Standard D Series 5 mm Disc
logo
FCI connector
8655MHRAXX01 FCI-CONNECTOR-8655MHRAXX01 Datasheet
453Kb / 3P
D-SUB METAL SHELLS
8655PHRAXX01 FCI-CONNECTOR-8655PHRAXX01 Datasheet
435Kb / 3P
D-SUB PLASTIC SHELLS
logo
CONEC Elektronische Bau...
320X12519X CONEC-320X12519X Datasheet
101Kb / 1P
D-SUB Standard
logo
ITT Industries
DC-37S-F179A-A197 ITT-DC-37S-F179A-A197 Datasheet
35Kb / 1P
Standard D-Subminiature
logo
FCI connector
86303641BLF FCI-CONNECTOR-86303641BLF Datasheet
309Kb / 3P
D-SUB PLASTIC SHELLS
8655MHRA1501LF FCI-CONNECTOR-8655MHRA1501LF Datasheet
340Kb / 3P
d-sub metal shells
logo
List of Unclassifed Man...
09670095654 ETC2-09670095654 Datasheet
2Mb / 38P
Standard subminiature D connectors
logo
ITT Industries
DA15SF179 ITT-DA15SF179 Datasheet
34Kb / 1P
Standard D-Subminiature
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com