Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2445 Datasheet (PDF) - Adafruit Industries

2445 Datasheet PDF - Adafruit Industries
Part # 2445
Download  2445 Download
File Size   82.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Semitranslucent White - .50 Kg

2445 Datasheet (PDF)

Go To PDF Page Download Datasheet
2445 Datasheet PDF - Adafruit Industries

Part # 2445
Download  2445 Click to download

File Size   82.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Semitranslucent White - .50 Kg

2445 Datasheet (HTML) - Adafruit Industries


2445 Product details

Features:
 Filament shore hardness of approximately 85A
 Consistent diameter and material properties provide reliable, high quality prints
 Patent pending technology allows for smooth feeding
 Low tack, low CoF exterior allows smooth feed through filament guides
 High elasticity and excellent abrasion resistance
 Excellent build platform adhesion and bonding between layers
 REACH and RoHS 2002/95/EC Directive Compliant
 1.75mm filament spool = .50 kg




Similar Part No. - 2445

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2445 KR-2445 Datasheet
28Kb / 2P
Bandpass Filter
logo
Heyco.
2445 HEYCO-2445 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
List of Unclassifed Man...
24450 ETC2-24450 Datasheet
89Kb / 1P
METRIC STANDOFFS AND SPACERS
logo
Littelfuse
24450 LITTELFUSE-24450 Datasheet
553Kb / 2P
PLASTIC BODY SOLENOIDS
2020 Rev: 120820
logo
Weidmuller
2445070000 WEIDMULLER-2445070000 Datasheet
467Kb / 6P
WAD 12 MC NE WS
More results


Similar Description - 2445

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX1847D4AD LUMEX-SSL-LX1847D4AD Datasheet
51Kb / 1P
1.75mm X 4mm Rectangular Arched LED
SSL-LX1847D4GD LUMEX-SSL-LX1847D4GD Datasheet
53Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4YD LUMEX-SSL-LX1847D4YD Datasheet
52Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
logo
PHOENIX CONTACT
2861014 PHOENIX-2861014 Datasheet
120Kb / 5P
ST-REL3-KG 24/21
logo
Adels-Contact
542152 ADELS-542152 Datasheet
115Kb / 1P
LCB 50/ 2 white
542153 ADELS-542153 Datasheet
115Kb / 1P
LCB 50/ 3 white
logo
HARTING Technology Grou...
19-34-003-0731 HARTING-19-34-003-0731 Datasheet
484Kb / 2P
Han 3HvE-kg-QB-M25
19-34-003-0730 HARTING-19-34-003-0730 Datasheet
484Kb / 2P
Han 3HvE-kg-QB-M20
logo
Weidmuller
8788580000 WEIDMULLER-8788580000 Datasheet
268Kb / 3P
Weidmüller Interface GmbH & Co. KG
29.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com