Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT1284 Datasheet (PDF) - Texas Instruments

SN74ACT1284 Datasheet PDF - Texas Instruments
Part # SN74ACT1284
Download  SN74ACT1284 Download
File Size   888.17 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS

SN74ACT1284 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT1284 Datasheet PDF - Texas Instruments

Part # SN74ACT1284
Download  SN74ACT1284 Click to download

File Size   888.17 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS

SN74ACT1284 Datasheet (HTML) - Texas Instruments


SN74ACT1284 Product details

4.5-V to 5.5-V VCC Operation
Inputs Accept Voltages to 5.5 V
Max tpd of 20 ns at 5 V
3-State Outputs Directly Drive Bus Lines
Flow-Through Architecture Optimizes PCB
Layout
Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
Designed for the IEEE 1284-I (Level-1 Type)
and IEEE 1284-II (Level-2 Type) Electrical
Specifications

description/ordering information
The ’ACT1284 devices are designed for
asynchronous two-way communication between
data buses. The control function minimizes
external timing requirements.
The devices allow data transmission in either the
A-to-B or the B-to-A direction for bits 1, 2, 3, and
4, depending on the logic level at the
direction-control (DIR) input. Bits 5, 6, and 7,
however, always transmit in the A-to-B direction.
The output drive for each mode is determined by the high-drive (HD) control pin. When HD is high, the high drive
is delivered by the totem-pole configuration, and when HD is low, the outputs are open drain. This meets the
drive requirements as specified in the IEEE 1284-I (level-1 type) and the IEEE 1284-II (level-2 type) parallel
peripheral-interface specification.




Similar Part No. - SN74ACT1284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1284 TI-SN74ACT1284 Datasheet
287Kb / 12P
7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284 TI1-SN74ACT1284 Datasheet
1Mb / 17P
7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284DBLE TI-SN74ACT1284DBLE Datasheet
287Kb / 12P
7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284DBLE TI1-SN74ACT1284DBLE Datasheet
1Mb / 17P
7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284DBR TI-SN74ACT1284DBR Datasheet
287Kb / 12P
7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ACT1284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT1284 TI-SN54ACT1284 Datasheet
287Kb / 12P
7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A_06 Datasheet
280Kb / 13P
10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT1284 TI1-SN54ACT1284_16 Datasheet
1Mb / 17P
7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com