Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1009CPWR Datasheet (PDF) - Texas Instruments

LT1009CPWR Datasheet PDF - Texas Instruments
Part # LT1009CPWR
Download  LT1009CPWR Download
File Size   890.74 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V INTEGRATED REFERENCE CIRCUIT

LT1009CPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1009CPWR Datasheet PDF - Texas Instruments

Part # LT1009CPWR
Download  LT1009CPWR Click to download

File Size   890.74 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V INTEGRATED REFERENCE CIRCUIT

LT1009CPWR Datasheet (HTML) - Texas Instruments


LT1009CPWR Product details

1FEATURES
· Excellent Temperature Stability
· Initial Tolerance: 0.2% Max
· Dynamic Impedance: 0.6 Ω Max
· Wide Operating Current Range
· Directly Interchangeable With LM136
· Needs No Adjustment for Minimum
Temperature Coefficient

DESCRIPTION/ORDERING INFORMATION
ANODE CATHODE
ADJ
LT1009
www.ti.com................................................................................................................................................................. SLVS013N–MAY 1987–REVISED MAY 2009
2.5-V INTEGRATED REFERENCE CIRCUIT
· Excellent Temperature Stability · Wide Operating Current Range
· Initial Tolerance: 0.2% Max · Directly Interchangeable With LM136
· Dynamic Impedance: 0.6 Ω Max · Needs No Adjustment for Minimum
Temperature Coefficient
The LT1009 reference circuit is a precision-trimmed 2.5-V shunt regulator featuring low dynamic impedance and
a wide operating current range. The maximum initial tolerance is ±5 mV in the LP package and ±10 mV in the D
and PW packages. The reference tolerance is achieved by on-chip trimming, which minimizes the initial voltage
tolerance and the temperature coefficient, aVZ.
Although the LT1009 needs no adjustments, a third terminal (ADJ) allows the reference voltage to be adjusted
±5% to eliminate system errors. In many applications, the LT1009 can be used as a terminal-for-terminal
replacement for the LM136-2.5, which eliminates the external trim network.
The LT1009 uses include 5-V system references, 8-bit analog-to-digital converter (ADC) and digital-to-analog
converter (DAC) references, and power-supply monitors. The device also can be used in applications such as
digital voltmeters and current-loop measurement and control systems.
The LT1009C is characterized for operation from 0°C to 70°C. The LT1009I is characterized for operation from
–40°C to 85°C.




Similar Part No. - LT1009CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009CPWR TI-LT1009CPWR Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009CPWR TI1-LT1009CPWR Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009CPWRE4 TI-LT1009CPWRE4 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
More results


Similar Description - LT1009CPWR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
2.5-V INTEGRATED REFERENCE CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com