Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM83135-015 Datasheet (PDF) - STMicroelectronics

AM83135-015 Datasheet PDF - STMicroelectronics
Part # AM83135-015
Download  AM83135-015 Download

File Size   61.97 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS

AM83135-015 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM83135-015 Datasheet PDF - STMicroelectronics

Part # AM83135-015
Download  AM83135-015 Click to download

File Size   61.97 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS

AM83135-015 Datasheet (HTML) - STMicroelectronics

AM83135-015 Datasheet HTML 1Page - STMicroelectronics AM83135-015 Datasheet HTML 2Page - STMicroelectronics AM83135-015 Datasheet HTML 3Page - STMicroelectronics

AM83135-015 Product details

DESCRIPTION
The AM83135-015 device is a high power silicon bipolar NPN transistor specifically designed for S-Band radar pulsed output and driver applications.
This device is characterized at 100µsec pulse width and 10% duty cycle, but is capable of operation over a range of pulse widths, duty cycles, and temperatures, and can withstand a 3:1 output VSWR with a + 1 dB input overdrive. Low RF thermal resistance, refractory/gold metallization, and computerized automatic wire bonding techniques ensure high reliability and product consistency (including phase characteristics).
The AM83135-015 is supplied in the IMPAC™ Hermetic Metal/Ceramic package with internal Input/Output impedance matching circuitry, and is intended for military and other high reliability applications.

■ REFRACTORY/GOLD METALLIZATION
■ EMITTER SITE BALLASTED
■ LOW THERMAL RESISTANCE
■ INPUT/OUTPUT MATCHING
■ OVERLAY GEOMETRY
■ METAL/CERAMIC HERMETIC PACKAGE
■ POUT = 15 W MIN. WITH 5.2 dB GAIN




Similar Part No. - AM83135-015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
More results


Similar Description - AM83135-015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-030 STMICROELECTRONICS-AM83135-030 Datasheet
57Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM82731-050 STMICROELECTRONICS-AM82731-050 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-040 STMICROELECTRONICS-AM83135-040 Datasheet
44Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM2931-110 STMICROELECTRONICS-AM2931-110 Datasheet
60Kb / 4P
   S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
AM82731-025 STMICROELECTRONICS-AM82731-025 Datasheet
60Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM82731-003 STMICROELECTRONICS-AM82731-003 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
   RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
   S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
AM83135-001 STMICROELECTRONICS-AM83135-001 Datasheet
78Kb / 5P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com