Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM102IPWR Datasheet (PDF) - Texas Instruments

TSM102IPWR Datasheet PDF - Texas Instruments
Part # TSM102IPWR
Download  TSM102IPWR Download
File Size   974.42 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE

TSM102IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM102IPWR Datasheet PDF - Texas Instruments

Part # TSM102IPWR
Download  TSM102IPWR Click to download

File Size   974.42 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE

TSM102IPWR Datasheet (HTML) - Texas Instruments


TSM102IPWR Product details

FEATURES
· OPERATIONAL AMPLIFIERS
– Low Supply Current¼200 mA/A
– Medium Speed¼2.1 MHz
– Low-Level Output Voltage Close to
V CC–¼0.1 V Typ (RL = 10 kW)
– Input Common-Mode Voltage Range
Includes Ground
· COMPARATORS
– Low Supply Current¼200 mA/A
(VCC = 5 V)
– Input Common-Mode Voltage Range
Includes Ground
– Low Output Saturation Voltage¼
Typically 250 mV (Isink = 4 mA)
· VOLTAGE REFERENCE
– Adjustable Output Voltage¼VREF to 36 V
– Sink Current Capability¼1 mA to 100 mA
– 0.4% (A Grade) and 1% (Standard Grade)
Precision
– Latch-Up Immunity

APPLICATIONS
· Switch-Mode Power Supplies
· Battery Chargers
· Voltage and Current Sensing
· Power-Good, Overvoltage, Undervoltage,
Overcurrent Detection
· Window Comparators
· Alarms, Detectors, and Sensors

DESCRIPTION/ORDERING INFORMATION
The TSM102 and TMS102A combine the building blocks of a dual operational amplifier, a dual comparator, and
a precision voltage reference, all of which often are used to implement a wide variety of power-management
functions, including overcurrent detection, undervoltage/overvoltage detection, power-good detection, window
comparators, error amplifiers, etc. Additional applications include alarm and detector/sensor applications.
The TSM102A offers a tight VREF tolerance of 0.4% at 25°C. The TSM102 and TSM102A are characterized for
operation from –40°C to 85°C.




Similar Part No. - TSM102IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM102IPWR TI-TSM102IPWR Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
TSM102IPWR TI1-TSM102IPWR Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
More results


Similar Description - TSM102IPWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com