Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP1000 Datasheet (PDF) - Texas Instruments

VSP1000 Datasheet PDF - Texas Instruments
Part # VSP1000
Download  VSP1000 Download
File Size   881.07 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, High-Speed Buffer for CCD Sensor

VSP1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSP1000 Datasheet PDF - Texas Instruments

Part # VSP1000
Download  VSP1000 Click to download

File Size   881.07 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, High-Speed Buffer for CCD Sensor

VSP1000 Datasheet (HTML) - Texas Instruments


VSP1000 Product details

1FEATURES
2• High Speed:
– 210 MHz, 3-dB Bandwidth
• Fast Settling Time
• Adjustable Active Load Current
• Adjustable Drive Strength
• Low Power: 20 mW
• Ultra-Small Package:
– 1-mm × 1-mm Ultra-Thin 0.35-mm QFN

DESCRIPTION
The VSP1000 is a high-speed, low-noise, low-power,
fast-settling, unity-gain buffer. It is specially designed
for use between charge-coupled device (CCD)
sensors and analog front-ends (AFEs). The device
has an adjustable active load current that can load
the CCD sensor output appropriately. The VSP1000 also features an adjustable output drive strength that
can be set in accordance with the bandwidth
requirements. At a 2-mA drive current, the device
provides a bandwidth of 210 MHz, which allows for
very low power operation with good performance. An
ultra-small package of 1 mm × 1 mm and 0.35-mm
height helps in saving printed circuit board (PCB)
space and achieving a very low profile.
The VSP1000 is ideal for driving Texas Instruments
AFEs for CCD sensors and, in general, any
analog-to-digital converter (ADC) inputs. The
adjustable load current allows for easy interfacing
with a variety of CCD sensors from various
manufacturers.




Similar Part No. - VSP1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFR TI1-VSP1000DSFR Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFT TI1-VSP1000DSFT Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
More results


Similar Description - VSP1000

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4102 CALOGIC-CLM4102 Datasheet
48Kb / 5P
Low Power, 400MHz High Speed Buffer
CVA4401 CALOGIC-CVA4401 Datasheet
27Kb / 2P
Low Power, 400MHz High Speed Triple Buffer
logo
List of Unclassifed Man...
CCD47-20 ETC1-CCD47-20 Datasheet
115Kb / 11P
High Performance CCD Sensor
logo
Hamamatsu Corporation
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
High-speed Buffer Amplifier for CCD Image Sensor
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
High-speed Buffer Amplifier for CCD Image Sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
For CCD image sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com