Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC35702 Datasheet (PDF) - Texas Instruments

UCC35702 Datasheet PDF - Texas Instruments
Part # UCC35702
Download  UCC35702 Download
File Size   713.07 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced Voltage Mode Pulse Width Modulator

UCC35702 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC35702 Datasheet PDF - Texas Instruments

Part # UCC35702
Download  UCC35702 Click to download

File Size   713.07 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced Voltage Mode Pulse Width Modulator

UCC35702 Datasheet (HTML) - Texas Instruments


UCC35702 Product details

FEATURES
700kHz Operation
Integrated Oscillator/ Voltage Feed
Forward Compensation
Accurate Duty Cycle Limit
Accurate Volt-second Clamp
Optocoupler Interface
Fault Counting Shutdown
Fault Latch off or Automatic Shutdown
Soft Stop Optimized for Synchronous
Rectification
1A Peak Gate Drive Output
130A Start-up Current
750A Operating Current

DESCRIPTION
The UCC35701/UCC35702 family of pulse width modulators is intended for
isolated switching power supplies using primary side control. They can be
used for both off-line applications and DC/DC converter designs such as in
a distributed power system architecture or as a telecom power source.
The devices feature low startup current, allowing for efficient off-line starting,
yet have sufficient output drive to switch power MOSFETs in excess of
500kHz.
Voltage feed forward compensation is operational over a 5:1 input range
and provides fast and accurate response to input voltage changes over a
4:1 range. An accurate volt-second clamp and maximum duty cycle limit
are also featured.
Fault protection is provided by pulse by pulse current limiting as well as the
ability to latch off after a programmable number of repetitive faults has occurred.
Two UVLO options are offered. UCC35701 family has turn-on and turn-off
thresholds of 13V/9V and UCC35702 family has thresholds of 9.6V/8.8V.
The UCC35701/2 and the UCC25701/2 are offered in the 14 pin SOIC (D),
14 pin PDIP (N) or in 14 pin TSSOP (PW) packages. The UCC15701/2 is
offered in the 14 pin CDIP (J) package.




Similar Part No. - UCC35702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC35702 TI-UCC35702 Datasheet
163Kb / 10P
Advanced Voltage Mode Pulse Width Modulator
UCC35702D TI1-UCC35702D Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35702D TI1-UCC35702D Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35702DG4 TI1-UCC35702DG4 Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35702DG4 TI1-UCC35702DG4 Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
More results


Similar Description - UCC35702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
Advanced Voltage Mode Pulse Width Modulator
logo
Seme LAB
IP1526A SEME-LAB-IP1526A Datasheet
69Kb / 6P
ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
CM494 ETC-CM494 Datasheet
512Kb / 9P
ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
Advanced Voltage Mode Pulse Width Modulator
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com