Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3855ADW Datasheet (PDF) - Texas Instruments

UC3855ADW Datasheet PDF - Texas Instruments
Part # UC3855ADW
Download  UC3855ADW Download
File Size   850.1 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Performance Power Factor Preregulator

UC3855ADW Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3855ADW Datasheet PDF - Texas Instruments

Part # UC3855ADW
Download  UC3855ADW Click to download

File Size   850.1 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Performance Power Factor Preregulator

UC3855ADW Datasheet (HTML) - Texas Instruments


UC3855ADW Product details

FEATURES
• Controls Boost PWM to Near Unity
Power Factor
• Fixed Frequency Average Current
Mode Control Minimizes Line Current
Distortion
• Built-in Active Snubber (ZVT) allows
Operation to 500kHz, improved EMI
and Efficiency
• Inductor Current Synthesizer allows
Single Current Transformer Current
Sense for Improved Efficiency and
Noise Margin
• Accurate Analog Multiplier with Line
Compensator allows for Universal
Input Voltage Operation
• High Bandwidth (5MHz), Low Offset
Current Amplifier
• Overvoltage and Overcurrent
protection
• Two UVLO Threshold Options
• 150μA Startup Supply Current Typical
• Precision 1% 7.5V Reference

DESCRIPTION
The UC3855A/B provides all the control features necessary for high
power, high frequency PFC boost converters. The average current mode
control method allows for stable, low distortion AC line current programming
without the need for slope compensation. In addition, the UC3855
utilizes an active snubbing or ZVT (Zero Voltage Transition technique) to
dramatically reduce diode recovery and MOSFET turn-on losses, resulting
in lower EMI emissions and higher efficiency. Boost converter switching
frequencies up to 500kHz are now realizable, requiring only an
additional small MOSFET, diode, and inductor to resonantly soft switch
the boost diode and switch. Average current sensing can be employed using
a simple resistive shunt or a current sense transformer. Using the current
sense transformer method, the internal current synthesizer circuit
buffers the inductor current during the switch on-time, and reconstructs the
inductor current during the switch off-time. Improved signal to noise ratio
and negligible current sensing losses make this an attractive solution for
higher power applications.
The UC3855A/B also features a single quadrant multiplier, squarer, and
divider circuit which provides the programming signal for the current loop.
The internal multiplier current limit reduces output power during low line
conditions. An overvoltage protection circuit disables both controller outputs
in the event of a boost output OV condition.
Low startup supply current, UVLO with hysteresis, a 1% 7.5V reference,
voltage amplifier with softstart, input supply voltage clamp, enable comparator,
and overcurrent comparator complete the list of features. Available
packages include: 20 pin N, DW, Q, J, and L.




Similar Part No. - UC3855ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3855ADW TI-UC3855ADW Datasheet
493Kb / 12P
High Performance Power Factor Preregulator
UC3855ADW TI1-UC3855ADW Datasheet
1Mb / 17P
High Performance Power Factor Preregulator
UC3855ADWG4 TI1-UC3855ADWG4 Datasheet
1Mb / 17P
High Performance Power Factor Preregulator
UC3855ADWTR TI-UC3855ADWTR Datasheet
493Kb / 12P
High Performance Power Factor Preregulator
UC3855ADWTR TI1-UC3855ADWTR Datasheet
1Mb / 17P
High Performance Power Factor Preregulator
More results


Similar Description - UC3855ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2855A TI-UC2855A Datasheet
493Kb / 12P
High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
High Power Factor Preregulator
UC3855ADWG4 TI1-UC3855ADWG4 Datasheet
1Mb / 17P
High Performance Power Factor Preregulator
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
High Power Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
High Power-Factor Preregulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com