Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2172 Datasheet (PDF) - Adafruit Industries

2172 Datasheet PDF - Adafruit Industries
Part # 2172
Download  2172 Download
File Size   76.68 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 8mm Plastic Bevel LED Holder - Pack of 5

2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
2172 Datasheet PDF - Adafruit Industries

Part # 2172
Download  2172 Click to download

File Size   76.68 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 8mm Plastic Bevel LED Holder - Pack of 5

2172 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2172

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2172 KR-2172 Datasheet
28Kb / 1P
Lowpass Filter
logo
Alpha Wire
2172 ALPHAWIRE-2172 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Abbatron All Rights Res...
2172 ABBATRON-2172 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Littelfuse
217200 LITTELFUSE-217200 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
217200P LITTELFUSE-217200P Datasheet
303Kb / 2P
5 x 20 mm Fast-Acting Fuse
More results


Similar Description - 2172

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A2974B-UYC-S530-A3 EVERLIGHT-A2974B-UYC-S530-A3 Datasheet
86Kb / 6P
ARRAY - Plastic HolderCombinations of Lamps
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21 Datasheet
71Kb / 1P
8mm LED
logo
Rosenberger Hochfrequen...
59Z065-000-Y ROSENBERGER-59Z065-000-Y Datasheet
262Kb / 3P
PLASTIC HOUSING DOUBLE 8MM
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
LFM SCHURTER-LFM Datasheet
252Kb / 2P
LED Reflector Holder round with 5 mm LED
LFM SCHURTER-LFM_V01 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
11.01.2021
LFM SCHURTER-LFM_V02 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
04.01.2022
logo
SparkFun Electronics
SEN-14885 SPARKFUN-SEN-14885 Datasheet
128Kb / 2P
NFC LED Nail Sticker - White (5 Pack)
9??0??8
SEN-14888 SPARKFUN-SEN-14888 Datasheet
108Kb / 2P
NFC LED Nail Sticker - Rainbow (5 Pack)
9??0??8
logo
Schurter Inc.
AST SCHURTER-AST_V02 Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com