Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT86 Datasheet (PDF) - STMicroelectronics

74VHCT86 Datasheet PDF - STMicroelectronics
Part # 74VHCT86
Download  74VHCT86 Download
File Size   55.32 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD EXCLUSIVE OR GATE

74VHCT86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT86 Datasheet PDF - STMicroelectronics

Part # 74VHCT86
Download  74VHCT86 Click to download

File Size   55.32 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD EXCLUSIVE OR GATE

74VHCT86 Datasheet (HTML) - STMicroelectronics


74VHCT86 Product details

DESCRIPTION
The 74VHCT86A is an advanced high-speed CMOS QUAD EXCLUSIVE OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V since all inputs are equipped with TTL threshold.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 5.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 2 µA (MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS:
   VIH = 2V (MIN.), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 86
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V (MAX.)




Similar Part No. - 74VHCT86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT00 STMICROELECTRONICS-74VHCT00 Datasheet
53Kb / 7P
QUAD 2-INPUT NAND GATE
Aug-1999
74VHCT00A STMICROELECTRONICS-74VHCT00A Datasheet
53Kb / 7P
QUAD 2-INPUT NAND GATE
Aug-1999
logo
Fairchild Semiconductor
74VHCT00A FAIRCHILD-74VHCT00A Datasheet
76Kb / 8P
Quad 2-Input NAND Gate
logo
STMicroelectronics
74VHCT00A STMICROELECTRONICS-74VHCT00A Datasheet
222Kb / 11P
QUAD 2-INPUT NAND GATE
16-Dec-2004
logo
ON Semiconductor
74VHCT00A ONSEMI-74VHCT00A Datasheet
226Kb / 8P
Quad 2-Input NAND Gate
December 2007 Rev. 1.4.0
More results


Similar Description - 74VHCT86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
07-Aug-1997
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
05-Aug-1997
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
06-Aug-1997
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com