Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32L4R9VIT6P Datasheet (PDF) - STMicroelectronics

STM32L4R9VIT6P Datasheet PDF - STMicroelectronics
Part # STM32L4R9VIT6P
Download  STM32L4R9VIT6P Download
File Size   5860.68 Kbytes
Page   306 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS

STM32L4R9VIT6P Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L4R9VIT6P Datasheet PDF - STMicroelectronics

Part # STM32L4R9VIT6P
Download  STM32L4R9VIT6P Click to download

File Size   5860.68 Kbytes
Page   306 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS

STM32L4R9VIT6P Datasheet (HTML) - STMicroelectronics


STM32L4R9VIT6P Product details

Features
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/125 °C temperature range
– Batch acquisition mode (BAM)
– 305 nA in VBAT mode: supply for RTC and 32x32-bit backup registers
– 33 nA Shutdown mode (5 wakeup pins)
– 125 nA Standby mode (5 wakeup pins)
– 420 nA Standby mode with RTC
– 2.8 μA Stop 2 with RTC
– 110 μA/MHz Run mode (LDO mode)
– 43 μA/MHz Run mode (@ 3.3 V SMPS mode)
– 5 μs wakeup from Stop mode
– Brownout reset (BOR) in all modes except shutdown
– Interconnect matrix
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU, adaptive real-time accelerator (ART Accelerator™) allowing 0-wait-state execution from Flash memory, frequency up to 120 MHz, MPU, 150 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1), and DSP instructions
• Performance benckmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 409.20 Coremark® (3.41 Coremark/MHz @120 MHz)
• Energy benckmark
– 233 ULPMark™ CP score
– 56.5 ULPMark™ PP score
• Clock sources
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy)
– Internal 48 MHz with clock recovery
– 3 PLLs for system clock, USB, audio, ADC
• RTC with HW calendar, alarms and calibration
• Up to 24 capacitive sensing channels: support touchkey, linear and rotary touch sensors
• Advanced graphics features
– Chrom-ART Accelerator™ (DMA2D) for enhanced graphic content creation
– Chrom-GRC™ (GFXMMU) allowing up to 20% of graphic resources optimization
– MIPI® DSI Host controller with two DSI lanes running at up to 500 Mbits/s each
– LCD-TFT controller
• 16x timers: 2 x 16-bit advanced motor-control, 2 x 32-bit and 5 x 16-bit general purpose, 2x 16-bit basic, 2x low-power 16-bit timers (available in Stop mode), 2x watchdogs, SysTick timer
• Up to 136 fast I/Os, most 5 V-tolerant, up to 14 I/Os with independent supply down to 1.08 V
• Memories
– 2-Mbyte Flash, 2 banks read-while-write, proprietary code readout protection
– 640 Kbytes of SRAM including 64 Kbytes with hardware parity check
– External memory interface for static memories supporting SRAM, PSRAM, NOR, NAND and FRAM memories
– 2 x OctoSPI memory interface
• 4x digital filters for sigma delta modulator
• Rich analog peripherals (independent supply)
– 12-bit ADC 5 Msps, up to 16-bit with hardware oversampling, 200 μA/Msps
– 2x 12-bit DAC, low-power sample and hold
– 2x operational amplifiers with built-in PGA
– 2x ultra-low-power comparators
• 20x communication interfaces
– USB OTG 2.0 full-speed, LPM and BCD
– 2x SAIs (serial audio interface)
– 4x I2C FM+(1 Mbit/s), SMBus/PMBus
– 6x USARTs (ISO 7816, LIN, IrDA, modem)
– 3x SPIs (5x SPIs with the dual OctoSPI)
– CAN (2.0B Active) and SDMMC
• 14-channel DMA controller
• True random number generator
• CRC calculation unit, 96-bit unique ID
• 8- to 14-bit camera interface up to 32 MHz (black and white) or 10 MHz (color)
• Development support: serial wire debug (SWD), JTAG, Embedded Trace Macrocell (ETM)




Similar Part No. - STM32L4R9VIT6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L4R9VIT6PTR STMICROELECTRONICS-STM32L4R9VIT6PTR Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
January 2020 Rev 5
STM32L4R9VIT6PXXX STMICROELECTRONICS-STM32L4R9VIT6PXXX Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
January 2020 Rev 5
More results


Similar Description - STM32L4R9VIT6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L433XX STMICROELECTRONICS-STM32L433XX Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L4P5XX STMICROELECTRONICS-STM32L4P5XX Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
STM32L4R5XX STMICROELECTRONICS-STM32L4R5XX Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
23-Jan-2020
STM32L4R5XX STMICROELECTRONICS-STM32L4R5XX_V01 Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
January 2020 Rev 5
STM32L412C8 STMICROELECTRONICS-STM32L412C8 Datasheet
2Mb / 192P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
November 2020 Rev 8
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com