Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KX220-1071 Datasheet (PDF) - Kionix, Inc.

KX220-1071 Datasheet PDF - Kionix, Inc.
Part # KX220-1071
Download  KX220-1071 Download
File Size   782.85 Kbytes
Page   14 Pages
Manufacturer  KIONIX [Kionix, Inc.]
Direct Link  
Logo KIONIX - Kionix, Inc.
Description ± 20g Tri-axis Analog Accelerometer Specifications

KX220-1071 Datasheet (PDF)

Go To PDF Page Download Datasheet
KX220-1071 Datasheet PDF - Kionix, Inc.

Part # KX220-1071
Download  KX220-1071 Click to download

File Size   782.85 Kbytes
Page   14 Pages
Manufacturer  KIONIX [Kionix, Inc.]
Direct Link  
Logo KIONIX - Kionix, Inc.
Description ± 20g Tri-axis Analog Accelerometer Specifications

KX220-1071 Datasheet (HTML) - Kionix, Inc.


KX220-1071 Product details

Product Description
The KX220-1071 is a Tri-axis, silicon micromachined
accelerometer with a full-scale output range of ±20g (196 m/s/s).
The sense element is fabricated using Kionix’s proprietary plasma
micromachining process technology. Acceleration sensing is
based on the principle of a differential capacitance arising from
acceleration-induced motion of the sense element, which further
utilizes common mode cancellation to decrease errors from
process variation, temperature, and environmental stress. The
sense element is hermetically sealed at the wafer level by bonding
a second silicon lid wafer to the device using a glass frit. A separate
ASIC device packaged with the sense element provides signal
conditioning and self-test. The accelerometer is delivered in a 3 x
3 x 0.9 mm Land Grid Array (LGA) plastic package operating from
a 1.8V – 3.6V DC supply. The KX220 features an internal low pass filter that can be disabled or factory
programmed to 50Hz, 100Hz, 500Hz, 1kHz, or 2kHz.
There are 2 factory programmable modes of operation for the KX220:
Mode 00 – The Enable pin must be HIGH for normal operation and LOW for power shutdown.
Mode 01 – The Enable pin must be LOW for normal operation and HIGH for power shutdown.
The KX220-1071 is factory programmed to be in MODE 00 with no low pass filter

Features
• 3 x 3 x 0.9 mm LGA
• Wide signal bandwidth
• Factory-programmable internal low-pass filter (50Hz, 100Hz, 500Hz, 1kHz, 2kHz, no LPF)
• Analog outputs
• Good temperature performance
• Low current consumption: 5 µA in standby, 240 µA at full power
• Self-test function




Similar Part No. - KX220-1071

ManufacturerPart #DatasheetDescription
logo
Kionix, Inc.
KX220-1072 KIONIX-KX220-1072 Datasheet
751Kb / 14P
± 40g Tri-axis Analog Accelerometer Specifications
Rev. 1.0 31-Oct-2017
More results


Similar Description - KX220-1071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
2g Tri-Axis Accelerometer Specifications
KXTC9-2050 ETC2-KXTC9-2050 Datasheet
157Kb / 10P
2g Tri-axis Analog Accelerometer Specifications
KXTC9-4100 ETC2-KXTC9-4100 Datasheet
312Kb / 11P
2g Tri-axis Analog Accelerometer Specifications
KXTH5-4325 ETC2-KXTH5-4325 Datasheet
346Kb / 13P
2.75g Tri-axis Analog Accelerometer Specifications
KXRB5-2050 ETC2-KXRB5-2050 Datasheet
437Kb / 13P
Tri-axis Accelerometer Specifications
KXSS5-2057 ETC2-KXSS5-2057 Datasheet
782Kb / 31P
Tri-axis Accelerometer Specifications
KXSS5-4457 ETC2-KXSS5-4457 Datasheet
781Kb / 31P
Tri-axis Accelerometer Specifications
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
Tri-axis Digital Accelerometer Specifications
KXTH9-2083 ETC2-KXTH9-2083 Datasheet
359Kb / 11P
Tri-axis Analog Accelerometer Specifications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com