Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL082M Datasheet (PDF) - Texas Instruments

TL082M Datasheet PDF - Texas Instruments
Part # TL082M
Download  TL082M Download
File Size   590.77 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description JFET-INPUT OPERATIONAL AMPLIFIER

TL082M Datasheet (PDF)

Go To PDF Page Download Datasheet
TL082M Datasheet PDF - Texas Instruments

Part # TL082M
Download  TL082M Click to download

File Size   590.77 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description JFET-INPUT OPERATIONAL AMPLIFIER

TL082M Datasheet (HTML) - Texas Instruments


TL082M Product details

1FEATURES
· Qualified for Automotive Applications
· Low Power Consumption
· Wide Common-Mode and Differential
Voltage Ranges
· Low Input Bias and Offset Currents
· Low Total Harmonic Distortion: 0.003% Typ
· High Input Impedance: JFET-Input Stage
· Latchup-Free Operation
· High Slew Rate: 13 V/μs Typ
· Common-Mode Input Voltage Range
Includes VCC+

DESCRIPTION/ORDERING INFORMATION
The TL082 JFET-input operational amplifier incorporates well-matched, high-voltage JFET and bipolar transistors
in a monolithic integrated circuit. The device features high slew rates, low input bias and offset currents, and low
offset-voltage temperature coefficient.
The I-suffix device is characterized for operation from –40°C to 85°C. The Q-suffix device is characterized for
operation from –40°C to 125°C.




Similar Part No. - TL082M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL082M STMICROELECTRONICS-TL082M Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
TL082M TI-TL082M Datasheet
4Mb / 66P
TL08xx FET-Input Operational Amplifiers
TL082M TI-TL082M Datasheet
4Mb / 70P
TL08xx FET-Input Operational Amplifiers
TL082M TI-TL082M Datasheet
5Mb / 75P
TL08xx FET-Input Operational Amplifiers
TL082M TI2-TL082M Datasheet
5Mb / 78P
TL08xx FET-Input Operational Amplifiers
REVISED SEPTEMBER 2025
More results


Similar Description - TL082M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL070 TI-TL070_06 Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com