Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WIN Datasheet (PDF) - TT Electronics.

WIN Datasheet PDF - TT Electronics.
Part # WIN
Download  WIN Download
File Size   826.24 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Water Insoluble Nitride Thin Film Precision Chip Resistors

WIN Datasheet (PDF)

Go To PDF Page Download Datasheet
WIN Datasheet PDF - TT Electronics.

Part # WIN
Download  WIN Click to download

File Size   826.24 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Water Insoluble Nitride Thin Film Precision Chip Resistors

WIN Datasheet (HTML) - TT Electronics.


WIN Product details

Features
TaN thin film technology
Inherent moisture protection superior to that of passivated
nichrome chip resistors
High stability in humid and polluted environments
Typical 85°C, 85%RH biased humidity 2000 hour stability <0.1%
Typical moisture resistance stability ±100ppm
Precision ±0.05% tolerance and ±10ppm/°C
Anti-sulfur terminations
100% screened by automated optical inspection




Similar Part No. - WIN

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
WINAL KGS-WINAL Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
WINAL100-020 KGS-WINAL100-020 Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
WINAL50-005 KGS-WINAL50-005 Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
WINAL75-080 KGS-WINAL75-080 Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
logo
ATMEL Corporation
WINC1000 ATMEL-WINC1000 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
More results


Similar Description - WIN

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com