Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBY87S Datasheet (PDF) - OSRAM GmbH

LBY87S Datasheet PDF - OSRAM GmbH
Part # LBY87S
Download  LBY87S Download
File Size   436.81 Kbytes
Page   16 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LBY87S Datasheet (PDF)

Go To PDF Page Download Datasheet
LBY87S Datasheet PDF - OSRAM GmbH

Part # LBY87S
Download  LBY87S Click to download

File Size   436.81 Kbytes
Page   16 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LBY87S Datasheet (HTML) - OSRAM GmbH


LBY87S Product details

Features
• package: white SMT package, colorless clear resin
• feature of the device: small package with extremely wide viewing angle; ideal for backlighting and coupling in light guides
• wavelength: 470 nm (blue), 528 nm (true green)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaN
• optical efficiency: 2 lm/W (blue), 6 lm/W (true green)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 3000/reel, ø180 mm or 10000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-B

Applications
• optimized coupling into light guides
• backlighting (LCD, cellular phones, keys, general lightning, illuminated advertising)
• signal and symbol luminaire
• automotive (e. g. car radio and dashboard backlighting)




Similar Part No. - LBY87S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBY87C OSRAM-LBY87C Datasheet
398Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LBY87C-P1Q2-35 OSRAM-LBY87C-P1Q2-35 Datasheet
398Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LBY87C-P1R2-35 OSRAM-LBY87C-P1R2-35 Datasheet
398Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LBY87C-Q1R2-35 OSRAM-LBY87C-Q1R2-35 Datasheet
398Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - LBY87S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com