Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB15F8.5A Datasheet (PDF) - STMicroelectronics

SMB15F8.5A Datasheet PDF - STMicroelectronics
Part # SMB15F8.5A
Download  SMB15F8.5A Download
File Size   598.84 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1500 W TVS in SMB Flat

SMB15F8.5A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB15F8.5A Datasheet PDF - STMicroelectronics

Part # SMB15F8.5A
Download  SMB15F8.5A Click to download

File Size   598.84 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1500 W TVS in SMB Flat

SMB15F8.5A Datasheet (HTML) - STMicroelectronics


SMB15F8.5A Product details

Features
• Peak pulse power: 1500 W (10/1000 μs) and 10 kW (8/20 μs)
• Flat and thin package: 1 mm
• Stand-off voltage range: from 5 V to 64 V
• Unidirectional type
• Low leakage current: 0.2 μA at 25 °C and 1 μA at 85 °C
• Operating Tj max: 175 °C
• High power capability at Tj max.: 1100 W (10/1000 μs)
• Lead finishing: matte tin plating

Description
The SMB15FxxA series are designed to protect sensitive circuits against surges.
The Planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide long term reliability and stability.




Similar Part No. - SMB15F8.5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB15 LITEON-SMB15 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB15 MIC-SMB15 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB15 LUGUANG-SMB15 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB150 LITEON-SMB150 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB150 MIC-SMB150 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMB15F8.5A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
1500 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
1500 WATT TVS COMPONENT
logo
STMicroelectronics
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA6FXXA STMICROELECTRONICS-SMA6FXXA Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
SMB6FXXA STMICROELECTRONICS-SMB6FXXA Datasheet
681Kb / 13P
600 W TVS in SMB Flat
14-Oct-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
SMC50JXXA STMICROELECTRONICS-SMC50JXXA Datasheet
484Kb / 12P
5000 W TVS in SMC
03-Nov-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com