Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7161 Datasheet (PDF) - Sealevel Systems, Inc.

7161 Datasheet PDF - Sealevel Systems, Inc.
Part # 7161
Download  7161 Download
File Size   419.38 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description PCI 16-Port RS-232 Serial Interface

7161 Datasheet (PDF)

Go To PDF Page Download Datasheet
7161 Datasheet PDF - Sealevel Systems, Inc.

Part # 7161
Download  7161 Click to download

File Size   419.38 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description PCI 16-Port RS-232 Serial Interface

7161 Datasheet (HTML) - Sealevel Systems, Inc.


7161 Product details

Features
• 16C854 buffered UARTs with 128-byte FIFOs
• Data rates to 460.8K bps
• Universal Bus (3.3V and 5V) compatible
• All modem control signals implemented
• Two 36 inch cables terminate to sixteen DB-25M connectors




Similar Part No. - 7161

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7161 GILWAY-7161 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Time Electronics Ltd.
7161 TIME-ELECTRONICS-7161 Datasheet
2Mb / 2P
8100 Instrumentation Test Stand
02/21
7161 TIME-ELECTRONICS-7161 Datasheet
523Kb / 1P
7161 Dual Port Pressure Calibration Manifold
05/25
7161-NPT TIME-ELECTRONICS-7161-NPT Datasheet
2Mb / 2P
8100 Instrumentation Test Stand
02/21
7161-NPT TIME-ELECTRONICS-7161-NPT Datasheet
523Kb / 1P
7161 Dual Port Pressure Calibration Manifold
05/25
More results


Similar Description - 7161

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PCI-D9-02 TRIPPLITE-PCI-D9-02 Datasheet
501Kb / 2P
2-Port DB9 (RS-232) Serial PCI Card with 16550
logo
Moxa Inc.
CP-102U MOXA-CP-102U Datasheet
472Kb / 4P
2-port RS-232 Universal PCI serial boards
CP-104EL-A MOXA-CP-104EL-A Datasheet
556Kb / 3P
4-port RS-232 PCI Express serial boards
CP-104UL MOXA-CP-104UL Datasheet
1Mb / 4P
4-port RS-232 smart Universal PCI serial boards
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
8-port RS-232/422/485 PCI Express serial boards
CP-118U MOXA-CP-118U Datasheet
979Kb / 5P
8-port RS-232/422/485 Universal PCI serial boards
CP-168EL-A MOXA-CP-168EL-A Datasheet
966Kb / 3P
8-port RS-232 PCI Express serial boards
CP-168U MOXA-CP-168U Datasheet
657Kb / 3P
8-port RS-232 Universal PCI serial board
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
RS-232/485 Serial Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com