Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH5130 Datasheet (PDF) - OSRAM GmbH

SFH5130 Datasheet PDF - OSRAM GmbH
Part # SFH5130
Download  SFH5130 Download
File Size   236.5 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Photodetektor mit Spannungsausgang Light to Voltage Converter

SFH5130 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH5130 Datasheet PDF - OSRAM GmbH

Part # SFH5130
Download  SFH5130 Click to download

File Size   236.5 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Photodetektor mit Spannungsausgang Light to Voltage Converter

SFH5130 Datasheet (HTML) - OSRAM GmbH


SFH5130 Product details

Features
• Integrated photodiode with linear voltage output
• Transparent sidelooker package with 3 pins
• High sensitivity from 350 nm to 1100 nm
• Circular photodiode

Applications
• Photointerrupter




Similar Part No. - SFH5130

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
IR-Receiver for Remote Control Systems
2000-01-01
logo
OSRAM GmbH
SFH5110 OSRAM-SFH5110 Datasheet
144Kb / 9P
IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
logo
Infineon Technologies A...
SFH5110-30 INFINEON-SFH5110-30 Datasheet
48Kb / 7P
IR-Receiver for Remote Control Systems
2000-01-01
logo
List of Unclassifed Man...
SFH5110-30 ETC-SFH5110-30 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
OSRAM GmbH
SFH5110-30 OSRAM-SFH5110-30 Datasheet
144Kb / 9P
IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - SFH5130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com