Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3150A Datasheet (PDF) - ON Semiconductor

FOD3150A Datasheet PDF - ON Semiconductor
Part # FOD3150A
Download  FOD3150A Download
File Size   218.33 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Gate Drive Optocoupler, 2.5 A Output Current, High Noise Immunity

FOD3150A Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD3150A Datasheet PDF - ON Semiconductor

Part # FOD3150A
Download  FOD3150A Click to download

File Size   218.33 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Gate Drive Optocoupler, 2.5 A Output Current, High Noise Immunity

FOD3150A Datasheet (HTML) - ON Semiconductor


FOD3150A Product details

Features
• High Noise Immunity characterized by 20 kV/s minimum Common
Mode Rejection
• Use of P−channel MOSFETs at Output Stage Enables Output Voltage
Swing close to the Supply Rail
• Wide Supply Voltage Range from 15 V to 30 V
• Fast Switching Speed
♦ 500 ns maximum Propagation Delay
♦ 300 ns maximum Pulse Width Distortion
• Under Voltage LockOut (UVLO) with Hysteresis
• Extended Industrial Temperate Range, −40°C to 100°C Temperature
Range
• Safety and Regulatory Approvals
♦ UL1577, 5000 VRMS for 1 minute
♦ DIN EN/IEC60747−5−2
• >8.0 mm Clearance and Creepage Distance (Option ‘T’)
• This is a Pb−Free Device

Applications
• Industrial Inverter
• Uninterruptible Power Supply
• Induction Heating
• Isolated IGBT/Power MOSFET Gate Drive




Similar Part No. - FOD3150A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150 Datasheet
504Kb / 18P
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
Fairchild Semiconductor
FOD3150S FAIRCHILD-FOD3150S Datasheet
714Kb / 19P
High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3150S ONSEMI-FOD3150S Datasheet
437Kb / 18P
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
More results


Similar Description - FOD3150A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com