Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2WH6 Datasheet (PDF) - TUK Ltd

PS2WH6 Datasheet PDF - TUK Ltd
Part # PS2WH6
Download  PS2WH6 Download
File Size   232.68 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Strain Relief Over Boots

PS2WH6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2WH6 Datasheet PDF - TUK Ltd

Part # PS2WH6
Download  PS2WH6 Click to download

File Size   232.68 Kbytes
Page   2 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Strain Relief Over Boots

PS2WH6 Datasheet (HTML) - TUK Ltd


PS2WH6 Product details

Features
• Designed to minimise excessive strain on the connection
• Extended hood prevents latch snagging other cables
• Suitable for cable diameter size: approx 5.5mm (PS2*) and 6.5mm (PS2*6)
• Available in a range of colours and transparent
• Version for extra large (eg 7.5mm) cable just introduced: black (PS2Bk8) or white (PS2Wh8)




Similar Part No. - PS2WH6

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PS2 HIROSE-PS2 Datasheet
1Mb / 12P
High Current Connector
logo
List of Unclassifed Man...
PS2 ETC-PS2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
AIC tech Inc.
PS2 AICTECH-PS2 Datasheet
86Kb / 3P
Useful of 4,000 hours at 85°C
logo
Multicomp Pro
PS2 MULTICOMP-PS2 Datasheet
123Kb / 1P
Various Boxes and Cases
07/06/12 V1.1
logo
List of Unclassifed Man...
PS2-100Q ETC2-PS2-100Q Datasheet
720Kb / 11P
Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
More results


Similar Description - PS2WH6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
52Kb / 1P
Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
Strain Relief
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com