Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT861 Datasheet (PDF) - Texas Instruments

SN74ABT861 Datasheet PDF - Texas Instruments
Part # SN74ABT861
Download  SN74ABT861 Download
File Size   280.67 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74ABT861 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ABT861 Datasheet PDF - Texas Instruments

Part # SN74ABT861
Download  SN74ABT861 Click to download

File Size   280.67 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74ABT861 Datasheet (HTML) - Texas Instruments


SN74ABT861 Product details

State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
High-Impedance State During Power Up
and Power Down
Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
High-Drive Outputs (–32-mA IOH, 64-mA IOL)
Package Options Include Plastic
Small-Outline (DW) Package, Ceramic Chip
Carriers (FK), and Plastic (NT) and
Ceramic (JT) DIPs

description
The ’ABT861 are 10-bit transceivers designed for
asynchronous communication between data
buses. The control-function implementation
allows for maximum flexibility in timing.
These devices allow noninverted data
transmission from the A bus to the B bus or from
the B bus to the A bus, depending on the logic
levels at the output-enable (OEAB and OEBA)
inputs.
When VCC is between 0 and 2.1 V, the device is
in the high-impedance state during power up or
power down. However, to ensure the
high-impedance state above 2.1 V, OE should be
tied to VCC through a pullup resistor; the minimum
value of the resistor is determined by the
current-sinking capability of the driver.
The SN54ABT861 is characterized for operation
over the full military temperature range of –55°C
to 125°C. The SN74ABT861 is characterized for
operation from –40°C to 85°C.




Similar Part No. - SN74ABT861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT861 TI-SN74ABT861 Datasheet
119Kb / 7P
10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT861DW TI-SN74ABT861DW Datasheet
119Kb / 7P
10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT861NT TI-SN74ABT861NT Datasheet
119Kb / 7P
10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ABT861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT861 TI-SN54ABT861 Datasheet
119Kb / 7P
10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT245T TI-CY54FCT245T Datasheet
149Kb / 10P
8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALS29861 TI1-SN74ALS29861 Datasheet
141Kb / 8P
10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT29862B TI1-SN74BCT29862B Datasheet
81Kb / 4P
10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT245T TI1-CY54FCT245T_16 Datasheet
1Mb / 21P
8-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com