Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT16640 Datasheet (PDF) - Texas Instruments

SN74ABT16640 Datasheet PDF - Texas Instruments
Part # SN74ABT16640
Download  SN74ABT16640 Download
File Size   482.61 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74ABT16640 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ABT16640 Datasheet PDF - Texas Instruments

Part # SN74ABT16640
Download  SN74ABT16640 Click to download

File Size   482.61 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74ABT16640 Datasheet (HTML) - Texas Instruments


SN74ABT16640 Product details

Members of the Texas Instruments
WidebusE Family
State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
Flow-Through Architecture Optimizes PCB
Layout
High-Drive Outputs (–32-mA IOH,
64-mA IOL)
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages, and 380-mil
Fine-Pitch Ceramic Flat (WD) Package
Using 25-mil Center-to-Center Spacings

description
The ’ABT16640 are inverting 16-bit transceivers
designed for asynchronous communication
between data buses.
These devices can be used as two 8-bit
transceivers or one 16-bit transceiver. It allows
data transmission from the A bus to the B bus or
from the B bus to the A bus, depending on the logic
level at the direction-control (1DIR and 2DIR)
inputs. The output-enable (1OE and 2OE) inputs
can be used to disable the device so that the
buses are effectively isolated.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT16640 is characterized for operation over the full military temperature range of –55°C to 125°C.
The SN74ABT16640 is characterized for operation from –40°C to 85°C.




Similar Part No. - SN74ABT16640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT16640 TI-SN74ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT16640DGG TI-SN74ABT16640DGG Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT16640DGGR TI1-SN74ABT16640DGGR Datasheet
736Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT16640DL TI-SN74ABT16640DL Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT16640DL TI1-SN74ABT16640DL Datasheet
736Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ABT16640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com