Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1748120K500B19L Datasheet (PDF) - Vishay Siliconix

Y1748120K500B19L Datasheet PDF - Vishay Siliconix
Part # Y1748120K500B19L
Download  Y1748120K500B19L Download
File Size   471.33 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HZ Series (Z-Foil) with Zero TCR

Y1748120K500B19L Datasheet (PDF)

Go To PDF Page Download Datasheet
Y1748120K500B19L Datasheet PDF - Vishay Siliconix

Part # Y1748120K500B19L
Download  Y1748120K500B19L Click to download

File Size   471.33 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HZ Series (Z-Foil) with Zero TCR

Y1748120K500B19L Datasheet (HTML) - Vishay Siliconix


Y1748120K500B19L Product details

FEATURES
 Temperature coefficient of resistance (TCR): ± 0.2 ppm/°C typical (- 55 °C to + 125 °C, + 25 °C ref.). For ultra high performances (instrumentation and metrology) please refer to the last page
 Resistance range: 5 Ω to 1.1 ㏁ (higher or lower values of resistance available)
 Foil resistors are not restricted to standard values; specific “as required” values can be supplied at no extra cost or delivery (e.g. 1K2345 vs. 1K)
 Power coefficient “R due to self heating”: 5 ppm at rated power with the Z-Foil technology
 Tolerance: to ± 0.001 % (10 ppm)
 Load life stability to ± 0.002 % (20 ppm) at 25 °C, 2000 h at rated power
 Load life stability, can be considerably improved through in-house stabilization
 Shelf life stability: 2 ppm for at least 6 years (unaffected by humidity)
 Electrostatic discharge (ESD) up to 25 000 V
 Power rating: 0.3 W to 2.5 W at + 25 °C (depending on model - see table 2)
 Non-inductive, non-capacitive design
 Non hot spot design
 Rise time: 1 ns effectively no ringing
 Current noise: 0.010 μVRMS/V of applied voltage (< - 40 dB)
 Thermal EMF: 0.05 μV/°C typical
 Voltage coefficient: < 0.1 ppm/V
 Thermal stabilization time < 1 s (nominal value achieved within 10 ppm of steady state value)
 Non-inductive: < 0.08 μH
 Terminal finish available: lead (Pb)-free or tin/lead alloy
 Impervious to harmful environments - oil filled
 Prototype quantities available in just 5 working days or sooner. For more information, please contact foil@vishaypg.com
 For better performances (values, TCR, tolerance, stability), please contact us




Similar Part No. - Y1748120K500B19L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1748120K500B VISHAY-Y1748120K500B Datasheet
132Kb / 5P
Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
17-Jun-08
More results


Similar Description - Y1748120K500B19L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
18-Apr-07
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
30-Oct-08
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
18-Jun-07
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
21-Nov-07
VHP4Z VISHAY-VHP4Z Datasheet
222Kb / 5P
Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
02-Mar-05
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
logo
Ohmite Mfg. Co.
FC4L OHMITE-FC4L Datasheet
547Kb / 2P
Foil Construction ensures a very stable TCR
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com