Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ174 Datasheet (PDF) - STMicroelectronics

74LVQ174 Datasheet PDF - STMicroelectronics
Part # 74LVQ174
Download  74LVQ174 Download
File Size   71.4 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

74LVQ174 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ174 Datasheet PDF - STMicroelectronics

Part # 74LVQ174
Download  74LVQ174 Click to download

File Size   71.4 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

74LVQ174 Datasheet (HTML) - STMicroelectronics


74LVQ174 Product details

DESCRIPTION
The 74LVQ174 is a low voltage CMOS HEX D-TYPE FLIP FLOP WITH CLEAR NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications.
Information signals applied to D inputs are transferred to the Q outputs on the positive going edge of the CLK pulse.
When the CLR input is held low, the Q outputs are held low independently of the other inputs.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED:
   fMAX = 150 MHz (TYP.) at VCC = 3.3 V
■ COMPATIBLE WITH TTL OUTPUTS
■ LOW POWER DISSIPATION:
   ICC = 4 µA (MAX.) at TA=25°C
■ LOW NOISE:
   VOLP = 0.3V (TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 12mA (MIN) at VCC = 3.0 V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 174
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ174

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ174 FAIRCHILD-74LVQ174 Datasheet
81Kb / 6P
Low Voltage Hex D-Type Flip-Flop with Master Reset
74LVQ174 FAIRCHILD-74LVQ174 Datasheet
65Kb / 6P
Low Voltage Hex D-Type Flip-Flop with Master Reset
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174 Datasheet
299Kb / 13P
HEX D-TYPE FLIP FLOP WITH CLEAR
29-Jul-2004
74LVQ174MTR STMICROELECTRONICS-74LVQ174MTR Datasheet
299Kb / 13P
HEX D-TYPE FLIP FLOP WITH CLEAR
29-Jul-2004
logo
Fairchild Semiconductor
74LVQ174SC FAIRCHILD-74LVQ174SC Datasheet
81Kb / 6P
Low Voltage Hex D-Type Flip-Flop with Master Reset
More results


Similar Description - 74LVQ174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com