Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ02 Datasheet (PDF) - STMicroelectronics

74LVQ02 Datasheet PDF - STMicroelectronics
Part # 74LVQ02
Download  74LVQ02 Download
File Size   56.53 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NOR GATE

74LVQ02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ02 Datasheet PDF - STMicroelectronics

Part # 74LVQ02
Download  74LVQ02 Click to download

File Size   56.53 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NOR GATE

74LVQ02 Datasheet (HTML) - STMicroelectronics


74LVQ02 Product details

DESCRIPTION

The 74LVQ02 is a low voltage CMOS QUAD 2-INPUT NOR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications. The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess

voltage.



■ HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 3.3 V

■ COMPATIBLE WITH TTL OUTPUTS

■ LOW POWER DISSIPATION: ICC = 2µA(MAX.) at TA=25°C

■ LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V

■ 75Ω TRANSMISSION LINE DRIVING CAPABILITY

■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12mA (MIN) at VCC = 3.0V

■ PCI BUS LEVELS GUARANTEED AT 24 mA

■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL

■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 02

■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
51Kb / 5P
Low Voltage Quad 2-Input NOR Gate
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02 Datasheet
227Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
29-Jul-2004
74LVQ02MTR STMICROELECTRONICS-74LVQ02MTR Datasheet
227Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
29-Jul-2004
logo
Fairchild Semiconductor
74LVQ02SC FAIRCHILD-74LVQ02SC Datasheet
64Kb / 6P
Low Voltage Quad 2-Input NOR Gate
More results


Similar Description - 74LVQ02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com