Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNPXR0100A Datasheet (PDF) - Alpha Electronics Corp.

FNPXR0100A Datasheet PDF - Alpha Electronics Corp.
Part # FNPXR0100A
Download  FNPXR0100A Download
File Size   517.69 Kbytes
Page   3 Pages
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.
Description High Power Precision Shunt Resistor, Up to 500W

FNPXR0100A Datasheet (PDF)

Go To PDF Page Download Datasheet
FNPXR0100A Datasheet PDF - Alpha Electronics Corp.

Part # FNPXR0100A
Download  FNPXR0100A Click to download

File Size   517.69 Kbytes
Page   3 Pages
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.
Description High Power Precision Shunt Resistor, Up to 500W

FNPXR0100A Datasheet (HTML) - Alpha Electronics Corp.


FNPXR0100A Product details

FEATURES
• Temperature coefficient of resistance (TCR)
+25°C to +60°C, +25°C ref.: 0 ±1 ppm/°C
–25°C to +125°C, +25°C ref.: 0 ±5 ppm/°C
• Utilizing Ni-Cr Bulk Metal® Foil Technology for realizing low TCR
• Low thermal resistance with Copper plate
Improved to 0.1°C/W from 0.3°C/W (conventional model)
Maximum rated power up to 500W on heat sink
• Extended max. ambient temperature to 125°C (85°C with conventional model)
• Built-in Pt100 sensor monitor temperature of resistive element
Easily define size of suitable heat sink
As safety function for continuous operation

APPLICATIONS
• Output reference of precision power supply
• Reference of charge-discharge test for high capacity batteries




Similar Part No. - FNPXR0100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNP-1.25 ETC-FNP-1.25 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
FNP-1.25 JST-FNP-1.25 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
List of Unclassifed Man...
FNP-2 ETC-FNP-2 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
FNP-2 JST-FNP-2 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
List of Unclassifed Man...
FNP-5.5 ETC-FNP-5.5 Datasheet
97Kb / 1P
PARALLEL
More results


Similar Description - FNPXR0100A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
Shunt Resistor
logo
Riedon Powertron
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
Precision Power Shunt Resistors
logo
Bourns Electronic Solut...
PWR4413DR0100 BOURNS-PWR4413DR0100 Datasheet
30Kb / 1P
Free to Air Shunt Resistor
PWR4413CR0100 BOURNS-PWR4413CR0100 Datasheet
28Kb / 1P
Free to Air Shunt Resistor
PWR4413BR0100 BOURNS-PWR4413BR0100 Datasheet
28Kb / 1P
Free to Air Shunt Resistor
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
Riedon Powertron
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
Power Shunt Resistor
logo
Wall Industries,Inc.
DCHB500 WALL-DCHB500 Datasheet
533Kb / 6P
Up to 500W DC/DC Power Module Single Output
logo
Stackpole Electronics, ...
HCSM SEI-HCSM Datasheet
305Kb / 5P
High Power Metal Element Current Shunt Resistor
4/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com