Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX3AF1BH300PSAAX. Datasheet (PDF) - Honeywell Accelerometers

PX3AF1BH300PSAAX. Datasheet PDF - Honeywell Accelerometers
Part # PX3AF1BH300PSAAX.
Download  PX3AF1BH300PSAAX. Download
File Size   1901.26 Kbytes
Page   14 Pages
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers
Description Heavy Duty Pressure Transducers

PX3AF1BH300PSAAX. Datasheet (PDF)

Go To PDF Page Download Datasheet
PX3AF1BH300PSAAX. Datasheet PDF - Honeywell Accelerometers

Part # PX3AF1BH300PSAAX.
Download  PX3AF1BH300PSAAX. Click to download

File Size   1901.26 Kbytes
Page   14 Pages
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers
Description Heavy Duty Pressure Transducers

PX3AF1BH300PSAAX. Datasheet (HTML) - Honeywell Accelerometers


PX3AF1BH300PSAAX. Product details

COST EFFECTIVE*
The PX2 Series is a precise pressure measurement solution that optimizes system
performance at a competitive cost.
DESIGNED FOR CONFIGURABILITY*
With over 60,000 standard configurations, the PX2 Series easily meets our
customers’ specific application needs.
APPLICATION EXPERTISE*
Knowledgeable application engineers are available to answer customers’ specific
design questions during the development of their product.
GLOBAL SUPPORT
Honeywell’s global presence offers customers immediate product and application
support throughout the development cycle, from design to global manufacturing.
WIDE SELECTION OF OPTIONS
Numerous standard or custom connectors, ports, pressure ranges and types, and
output options include:
• Electrical connector types: Delphi Metri-Pack 150 (UL 94 HB or V-0 options),
Micro M12, DIN, Deutsch, or cable harness (1 m, 2 m, 3 m, or 5 m).
• Pressure port types: 7/16-20 UNF 1/4 in 45° Flare Female Schrader (SAE
J512), 7/16-20 UNF 45° Flare Male (SAE J513), 7/16-20 UNF 37° Flare Male
(SAE J514), G1/4 (ISO 1179-3), G1/8 (ISO 1179-3), M12 x 1.5 (ISO 6149-3),
1/4-18 NPT, 1/8-27 NPT, 9/16-18 UNF, (SAE J1926-3), or 7/16-20 UNF (SAE
J1926-3)
• Pressure range: 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi.
• Pressure reference: Absolute, sealed gage, or vented gage.
• Output transfer function: Ratiometric, regulated, or current.
• Two available flame retardant options: UL 94 HB is standard on all electrical
terminations, UL 94 V-0 is available upon request.
SHORT LEAD TIME
Due to the PX2 Series’ configurability, customers can count on a quick response
to prototypes. Additionally, dedicated teams and manufacturing processes ensure
that product samples are shipped quickly to support your demanding product
development cycle.
Affordability minimizes your cost to produce.
Features
and Benefits
Available feature-rich and fast.




Similar Part No. - PX3AF1BH300PSAAX.

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
PX3AF1BH300PS HONEYWELL-PX3AF1BH300PS Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
Issue D 06/17
More results


Similar Description - PX3AF1BH300PSAAX.

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
Heavy Duty Pressure Meter
407910 EXTECH-407910 Datasheet
267Kb / 7P
Heavy Duty Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
Heavy Duty Differential Pressure Manometer
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
Heavy Duty Differential Pressure Manometer
logo
Honeywell Accelerometer...
MLH250BSD17D HONEYWELL-ACC-MLH250BSD17D Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/ Transducers Line Guide
MLH025BSD14E HONEYWELL-ACC-MLH025BSD14E Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/Transducers Line Guide
logo
Extech Instruments Corp...
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
Heavy Duty Differential Pressure Manometer
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com