Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM63CIMA.A Datasheet (PDF) - Texas Instruments

LM63CIMA.A Datasheet PDF - Texas Instruments
Part # LM63CIMA.A
Download  LM63CIMA.A Download
File Size   748.24 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control

LM63CIMA.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM63CIMA.A Datasheet PDF - Texas Instruments

Part # LM63CIMA.A
Download  LM63CIMA.A Click to download

File Size   748.24 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control

LM63CIMA.A Datasheet (HTML) - Texas Instruments


LM63CIMA.A Product details

1FEATURES
23• Accurately Senses Diode-Connected 2N3904
Transistors or Thermal Diodes On Board Large
Processors or ASICs
• Accurately Senses its Own Temperature
• Factory Trimmed for Intel® Pentium® 4 and
Mobile Pentium 4 Processor-M Thermal Diodes
• Integrated PWM Fan Speed Control Output
• Acoustic Fan Noise Reduction With User-
Programmable 8-Step Lookup Table
• Multi-Function, User-Selectable Pin for Either nonALERT
Output, or Tachometer Input,
Functions width•
Tachometer Input for Measuring Fan RPM
• Smart-Tach Modes for Measuring RPM of Fans
With Pulse-Width-Modulated Power as Shown
in Typical Application
• Offset Register can Adjust for a Variety of
Thermal Diodes
• 10 Bit Plus Sign Remote Diode Temperature
Data Format, With 0.125°C Resolution
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• LM86-Compatible Pinout
• LM86-Compatible Register Set
• 8-Pin SOIC Package

APPLICATIONS
• Computer Processor Thermal Management
(Laptop, Desktop, Workstations, Servers)
• Graphics Processor Thermal Management
• Electronic Test Equipment
• Projectors
• Office Equipment
• Industrial Controls

DESCRIPTION
The LM63 is a remote diode temperature sensor with
integrated fan control. The LM63 accurately
measures: (1) its own temperature and (2) the
temperature of a diode-connected transistor, such as
a 2N3904, or a thermal diode commonly found on
Computer Processors, Graphics Processor Units
(GPU) and other ASIC's. The LM63 remote
temperature sensor's accuracy is factory trimmed for
the series resistance and 1.0021 non-ideality of the
Intel 0.13 μm Pentium 4 and Mobile Pentium 4
Processor-M thermal diode. The LM63 has an offset
register to correct for errors caused by different nonALERT
ideality factors of other thermal diodes.
The LM63 also features an integrated, pulse-width•
modulated (PWM), open-drain fan control output. Fan
speed is a combination of the remote temperature
reading, the lookup table and the register settings. The 8-step Lookup Table enables the user to
program a non-linear fan speed vs. temperature
transfer function often used to quiet acoustic fan
noise.




Similar Part No. - LM63CIMA.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM63CIMA NSC-LM63CIMA Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Texas Instruments
LM63CIMA TI1-LM63CIMA Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM63CIMA/NOPB TI1-LM63CIMA/NOPB Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM63CIMAX NSC-LM63CIMAX Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Texas Instruments
LM63CIMAX/NOPB TI1-LM63CIMAX/NOPB Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
More results


Similar Description - LM63CIMA.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_06 Datasheet
421Kb / 11P
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627_08 Datasheet
117Kb / 9P
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com