Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM361 Datasheet (PDF) - Texas Instruments

LM361 Datasheet PDF - Texas Instruments
Part # LM361
Download  LM361 Download
File Size   773.53 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM161/LM361 High Speed Differential Comparators

LM361 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM361 Datasheet PDF - Texas Instruments

Part # LM361
Download  LM361 Click to download

File Size   773.53 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM161/LM361 High Speed Differential Comparators

LM361 Datasheet (HTML) - Texas Instruments


LM361 Product details

1FEATURES
2• Independent strobes
• Ensured high speed: 20 ns max
• Tight delay matching on both outputs
• Complementary TTL outputs
• Operates from op amp supplies: ±15V
• Low speed variation with overdrive variation
• Low input offset voltage
• Versatile supply voltage range

DESCRIPTION
The LM161/LM361 is a very high speed differential
input, complementary TTL output voltage comparator
with improved characteristics over the SE529/NE529
for which it is a pin-for-pin replacement. The device
has been optimized for greater speed performance
and lower input offset voltage. Typically delay varies only 3 ns for over-drive variations of 5 mV to 500 mV.
It may be operated from op amp supplies (±15V).
Complementary outputs having maximum skew are
provided. Applications involve high speed analog to
digital converters and zero-crossing detectors in disk
file systems.




Similar Part No. - LM361

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM361 NSC-LM361 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Seoul Semiconductor
LM361 SEOUL-LM361 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM361 SEOUL-LM361 Datasheet
360Kb / 13P
CYAN LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results


Similar Description - LM361

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8143 AD-AD8143 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/05-Revision 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
High Speed, Triple Differential Receiver with Comparators
4/16-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com