Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7664YR Datasheet (PDF) - Texas Instruments

DAC7664YR Datasheet PDF - Texas Instruments
Part # DAC7664YR
Download  DAC7664YR Download
File Size   718.63 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Quad Voltage Output Digital-to-Analog Converter

DAC7664YR Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7664YR Datasheet PDF - Texas Instruments

Part # DAC7664YR
Download  DAC7664YR Click to download

File Size   718.63 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Quad Voltage Output Digital-to-Analog Converter

DAC7664YR Datasheet (HTML) - Texas Instruments


DAC7664YR Product details

FEATURES
Low Glitch: 1nV-s (typ)
Low Power: 18mW
Unipolar or Bipolar Operation
Settling Time: 12μs to 0.003%
16-Bit Linearity and Monotonicity:
–40°C to +85°C
Programmable Reset to Mid-Scale or
Zero-Scale
Data Readback
Double-Buffered Data Inputs
Internal Bandgap Voltage Reference
Power-On Reset
3V to 5V Logic Interface

APPLICATIONS
Process Control
Closed-Loop Servo Control
Motor Control
Data Acquisition Systems
DAC-per-Pin Programmers

DESCRIPTION
The DAC7664 is a 16-bit, quad voltage output
digital-to-analog converter (DAC) with 16-bit monotonic
performance over the specified temperature range. It
accepts 16-bit parallel input data, has double-buffered
DAC input logic (allowing simultaneous update of all
DACs), and provides a readback mode of the internal input
registers. Programmable asynchronous reset clears all
registers to a mid-scale code of 8000h or to a zero-scale
of 0000h. The DAC7664 can operate from a single +5V
supply or from +5V and −5V supplies.
Low power and small size per DAC make the DAC7664
ideal for automatic test equipment, DAC-per-pin
programmers, data acquisition systems, and closed-loop
servo control. The DAC7664 is available in an LQFP-64
package and is specified for operation over the −40°C to
+85°C temperature range.




Similar Part No. - DAC7664YR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7664YR TI-DAC7664YR Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YR TI1-DAC7664YR Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Similar Description - DAC7664YR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com