Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSQ2 Datasheet (PDF) - Bel Fuse Inc.

SSQ2 Datasheet PDF - Bel Fuse Inc.
Part # SSQ2
Download  SSQ2 Download
File Size   1655.95 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Quick Acting Fuse

SSQ2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSQ2 Datasheet PDF - Bel Fuse Inc.

Part # SSQ2
Download  SSQ2 Click to download

File Size   1655.95 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Quick Acting Fuse

SSQ2 Datasheet (HTML) - Bel Fuse Inc.


SSQ2 Product details

Features
- Quick Acting
- Small size, 2410 SMD
- Wide range of current rating from 100mA to 15A
- Wide operating temperature range
- Tape & Reel for auto-insert SMD process
- Compatible with 260 °C, IR Pb-free solder process
- RoHS 6 compliant (MSL = 1)
- Halogen Free
- Leadfree

Applications
- Notebook
- LCD monitor
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
- Power supply
-LCD/LED TV




Similar Part No. - SSQ2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ2 BEL-SSQ2 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Quick Acting Fuse
SSQ2 BEL-SSQ2 Datasheet
435Kb / 2P
SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ2 BEL-SSQ2 Datasheet
649Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
SSQ2.5 BEL-SSQ2.5 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Quick Acting Fuse
SSQ2.5 BEL-SSQ2.5 Datasheet
435Kb / 2P
SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
More results


Similar Description - SSQ2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ250 BEL-SSQ250 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Quick Acting Fuse
2JQ BEL-2JQ Datasheet
99Kb / 2P
Quick Acting Fuse Series
SSQ250 BEL-SSQ250_1 Datasheet
435Kb / 2P
SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ BEL-SSQ_12 Datasheet
649Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
QUICK ACTING FUSE SERIES
0679H BEL-0679H Datasheet
1Mb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L BEL-0679L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H_17 Datasheet
1Mb / 4P
SQUARE CERAMIC SURFACE MOUNT QUICK ACTING FUSE
0679H0250-XX BEL-0679H0250-XX Datasheet
910Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-XX BEL-0679L0250-XX Datasheet
895Kb / 4P
Square Ceramic Surface Mount Quick Acting Fuse
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com