Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM340L Datasheet (PDF) - Texas Instruments

LM340L Datasheet PDF - Texas Instruments
Part # LM340L
Download  LM340L Download
File Size   534.66 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM140L/LM340L Series 3-Terminal Positive Regulators

LM340L Datasheet (PDF)

Go To PDF Page Download Datasheet
LM340L Datasheet PDF - Texas Instruments

Part # LM340L
Download  LM340L Click to download

File Size   534.66 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM140L/LM340L Series 3-Terminal Positive Regulators

LM340L Datasheet (HTML) - Texas Instruments


LM340L Product details

1FEATURES
2• Line Regulation of 0.04%/V
• Load Regulation of 0.01%/mA
• Output Voltage Tolerances of
– ±2% at Tj = 25°C and ±4% Over the
Temperature Range (LM140LA)
– ±3% Over the Temperature Range
(LM340LA)
• Output Current of 100 mA
• Internal Thermal Overload Protection
• Output Transistor Safe Area Protection
• Internal Short Circuit Current Limit
• Available in
– Metal TO Low Profile Package
(LM140LA/LM340LA)
– Plastic TO-92 (LM340LA)

DESCRIPTION
The LM140L series of three terminal positive
regulators is available with several fixed output
voltages making them useful in a wide range of
applications. The LM140LA is an improved version of
the LM78LXX series with a tighter output voltage
tolerance (specified over the full military temperature
range), higher ripple rejection, better regulation and
lower quiescent current. The LM140LA regulators
have ±2% VOUT specification, 0.04%/V line regulation,
and 0.01%/mA load regulation. When used as a
zener diode/resistor combination replacement, the
LM140LA usually results in an effective output
impedance improvement of two orders of magnitude,
and lower quiescent current. These regulators can
provide local on card regulation, eliminating the
distribution problems associated with single point
regulation. The voltages available allow the LM140LA
to be used in logic systems, instrumentation, Hi-Fi,
and other solid state electronic equipment. Although
designed primarily as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable voltages and currents.
The LM140LA/LM340LA are available in the low
profile metal three lead TO (NDT) and the LM340LA
are also available in the plastic TO-92 (LP). With
adequate heat sinking the regulator can deliver 100
mA output current. Current limiting is included to limit
the peak output current to a safe value. Safe area
protection for the output transistor is provided to limit
internal power dissipation. If internal power dissipation becomes too high for the heat sinking
provided, the thermal shut-down circuit takes over,
preventing the IC from overheating.
For applications requiring other voltages, see LM117L
Data Sheet.




Similar Part No. - LM340L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM340L NSC-LM340L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
logo
Texas Instruments
LM340L TI1-LM340L Datasheet
406Kb / 14P
LM140L/LM340L Series 3-Terminal Positive Regulators
LM340L TI-LM340L Datasheet
303Kb / 13P
LM140LQML Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340LAH-12 NSC-LM340LAH-12 Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM340LAH-15 NSC-LM340LAH-15 Datasheet
143Kb / 6P
3-Terminal Positive Regulators
More results


Similar Description - LM340L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM342 NSC-LM342 Datasheet
138Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
Texas Instruments
LM140LAH-15 TI1-LM140LAH-15 Datasheet
406Kb / 14P
LM140L/LM340L Series 3-Terminal Positive Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com