Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA271 Datasheet (PDF) - Texas Instruments

INA271 Datasheet PDF - Texas Instruments
Part # INA271
Download  INA271 Download
File Size   443.34 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR

INA271 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA271 Datasheet PDF - Texas Instruments

Part # INA271
Download  INA271 Click to download

File Size   443.34 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR

INA271 Datasheet (HTML) - Texas Instruments


INA271 Product details

FEATURES
• Wide Common-Mode Range: –16V to +80V
• CMRR: 78dB
• Accuracy:
±10mV Offset (max)
±7.5% Gain Error (max)
100μV/°C Offset Drift (max)
• Bandwidth: Up to 130kHz
• Transfer Function: 20V/V
• Quiescent Current: 1600μA (max)
• Power Supply: +2.7V to +18V
• Provision for Filtering

APPLICATIONS
• Down-Hole Drilling
• High Temperature Environments

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Extreme (–55°C/210°C)
Temperature Range (1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.

DESCRIPTION
The INA271 is a current-shunt monitor with voltage
output and can sense drops across current shunts at common-mode voltages from –16V to +80V,
independent of the supply voltage. The INA271
pinouts readily enable filtering.
The INA271 is available with a 20V/V output voltage
scale. The 130kHz bandwidth simplifies use in
current-control loops.
The INA271 operates from a single +2.7V to +18V
supply, drawing a maximum of 1600μA of supply
current. This device is specified over the extended
operating temperature range of –55°C to +210°C.




Similar Part No. - INA271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA271 BURR-BROWN-INA271 Datasheet
295Kb / 13P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271 BURR-BROWN-INA271 Datasheet
471Kb / 17P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA271 TI-INA271 Datasheet
746Kb / 26P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271 TI2-INA271 Datasheet
713Kb / 28P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
REVISED JANUARY 2018
INA271 TI2-INA271 Datasheet
713Kb / 28P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
REVISED JANUARY 2018
More results


Similar Description - INA271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270 TI-INA270_15 Datasheet
746Kb / 26P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
INA206 TI1-INA206 Datasheet
1Mb / 39P
Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com