Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC08 Datasheet (PDF) - STMicroelectronics

74AC08 Datasheet PDF - STMicroelectronics
Part # 74AC08
Download  74AC08 Download
File Size   67.92 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE

74AC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC08 Datasheet PDF - STMicroelectronics

Part # 74AC08
Download  74AC08 Click to download

File Size   67.92 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE

74AC08 Datasheet (HTML) - STMicroelectronics


74AC08 Product details

DESCRIPTION
The 74AC08 is an advanced high-speed CMOS QUAD 2-INPUT AND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.
   
■ HIGH SPEED: tPD = 4ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 2µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING
    CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS:
    tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 08
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74AC08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC08 FAIRCHILD-74AC08 Datasheet
87Kb / 7P
Quad 2-Input AND Gate
logo
ON Semiconductor
74AC08 ONSEMI-74AC08 Datasheet
140Kb / 9P
Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC08 FAIRCHILD-74AC08 Datasheet
304Kb / 10P
Quad 2-Input AND Gate
logo
ON Semiconductor
74AC08 ONSEMI-74AC08 Datasheet
612Kb / 6P
Quad 2-Input AND Gate
November-2017, Rev.2
logo
STMicroelectronics
74AC08B STMICROELECTRONICS-74AC08B Datasheet
185Kb / 8P
QUAD 2-INPUT AND GATE
Apr-2001
More results


Similar Description - 74AC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com