Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPFP4445 Datasheet (PDF) - TT Electronics.

CPFP4445 Datasheet PDF - TT Electronics.
Part # CPFP4445
Download  CPFP4445 Download
File Size   184.93 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description HDMI FACE PLATE

CPFP4445 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPFP4445 Datasheet PDF - TT Electronics.

Part # CPFP4445
Download  CPFP4445 Click to download

File Size   184.93 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description HDMI FACE PLATE

CPFP4445 Datasheet (HTML) - TT Electronics.


CPFP4445 Product details

Features:
• HDMI connectors
• Female connectors
• Male connectors
• Standard cable lengths 5m, 7m, 10m, 15m, 20m
Description:
Our single faceplate has a HDMI connector. This standard faceplate comes with a female connector on the front and male connectors on the other end of cable. This faceplate comes in lengths of 5m, 7m, 10m, 15m and 20m.




Similar Part No. - CPFP4445

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CPFP4445-4K TTELEC-CPFP4445-4K Datasheet
216Kb / 2P
HIGH SPEED HDMI FACE PLATE
26/06/2020
More results


Similar Description - CPFP4445

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E200001 ETC2-E200001 Datasheet
96Kb / 3P
Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
E200002 ETC2-E200002 Datasheet
95Kb / 3P
Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
logo
Tripp Lite. All Rights ...
P167000 TRIPPLITE-P167000 Datasheet
505Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Wall Plate Kit with Transmitter and Receiver
logo
P-tec Corporation
PDC56A-CXDXXX P-TEC-PDC56A-CXDXXX Datasheet
885Kb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC56C-CXDW01 P-TEC-PDC56C-CXDW01 Datasheet
821Kb / 8P
Gray Face, White Segments or Black Face, White Segments
PDC300-CXDXXX P-TEC-PDC300-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC563-CXMXXX P-TEC-PDC563-CXMXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC30SM-CXDXXX P-TEC-PDC30SM-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
logo
Tripp Lite. All Rights ...
N042-001-04-WH TRIPPLITE-N042-001-04-WH Datasheet
156Kb / 2P
4-Port Quad Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
N042-001-WH TRIPPLITE-N042-001-WH Datasheet
158Kb / 2P
2-Port Dual Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com