Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPFP4432 Datasheet (PDF) - TT Electronics.

CPFP4432 Datasheet PDF - TT Electronics.
Part # CPFP4432
Download  CPFP4432 Download
File Size   207.12 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description HDMI & VGA FACE PLATE

CPFP4432 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPFP4432 Datasheet PDF - TT Electronics.

Part # CPFP4432
Download  CPFP4432 Click to download

File Size   207.12 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description HDMI & VGA FACE PLATE

CPFP4432 Datasheet (HTML) - TT Electronics.


CPFP4432 Product details

Features:
• VGA connector
• HDMI connector
• Female connectors
• Male connectors
• Standard cable lengths 5m, 7m, 10m, 15m, 20m
Description:
Our single faceplate has a HDMI and VGA connector. The faceplate comes with female connectors on the front and male connectors on the other end of cable. Cables comes in lengths of stub, 5m, 7m, 10m, 15m and 20m.




Similar Part No. - CPFP4432

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CPFP4432-4K TTELEC-CPFP4432-4K Datasheet
207Kb / 1P
HDMI & VGA FACE PLATE
26/06/2020
More results


Similar Description - CPFP4432

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
logo
Axiomtek Co., Ltd.
IMB211 AXIOMTEK-IMB211_16 Datasheet
252Kb / 1P
Triple View display: DP/VGA/HDMI
logo
AAEON Technology
EPIC-KBS7 AAEON-EPIC-KBS7 Datasheet
478Kb / 2P
Basic VGA/HDMI/LVDS Display
logo
Tripp Lite. All Rights ...
N042-001-04-WH TRIPPLITE-N042-001-04-WH Datasheet
156Kb / 2P
4-Port Quad Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
N042-001-WH TRIPPLITE-N042-001-WH Datasheet
158Kb / 2P
2-Port Dual Outlet RJ45 Universal Keystone Face Plate / Wall Plate, White, TAA
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7036 CHRONTEL-CH7036 Datasheet
175Kb / 8P
CH7036 LVDS to HDMI/VGA/LVDS Converter
Rev. 1.5 06/30/2020
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
CH7105B CHRONTEL-CH7105B Datasheet
202Kb / 7P
CH7105B HDMI to SDTV/VGA Converter
Rev 1.5 2021-5-20
CH7106B CHRONTEL-CH7106B Datasheet
202Kb / 7P
CH7106B HDMI to SDTV/HDTV/VGA Converter
Rev 1.5 2021-5-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com