Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT16657 Datasheet (PDF) - Texas Instruments

74ACT16657 Datasheet PDF - Texas Instruments
Part # 74ACT16657
Download  74ACT16657 Download
File Size   547.54 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS

74ACT16657 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16657 Datasheet PDF - Texas Instruments

Part # 74ACT16657
Download  74ACT16657 Click to download

File Size   547.54 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS

74ACT16657 Datasheet (HTML) - Texas Instruments


74ACT16657 Product details

Members of the Texas Instruments
WidebusE Family
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
EPICE (Enhanced-Performance Implanted
CMOS) 1-mm Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings

description
The ’ACT16657 contain two noninverting octal
transceiver sections with separate parity
generator/checker circuits and control signals.
For either section, the transmit/receive (1T/R or
2T/R) input determines the direction of data flow.
When 1T/R (or 2T/R) is high, data flows from the
1A (or 2A) port to the 1B (or 2B) port (transmit
mode); when 1T/R (or 2T/R) is low, data flows
from the 1B (or 2B) port to the 1A (or 2A) port
(receive mode). When the output-enable (1OE or
2OE) input is high, both the 1A (or 2A) and 1B (or
2B) ports are in the high-impedance state.
Odd or even parity is selected by a logic high or
low level, respectively, on the 1ODD/EVEN (or
2ODD/EVEN) input. 1PARITY (or 2PARITY)
carries the parity bit value; it is an output from the
parity generator/checker in the transmit mode and
an input to the parity generator/checker in the
receive mode.
In the transmit mode, after the 1A (or 2A) bus is polled to determine the number of high bits, 1PARITY (or
2PARITY) is set to the logic level that maintains the parity sense selected by the level at the 1ODD/EVEN (or
2ODD/EVEN) input. For example, if 1ODD/EVEN is low (even parity selected) and there are five high bits on
the 1A bus, then 1PARITY is set to the logic high level so that an even number of the nine total bits (eight 1A-bus
bits plus parity bit) are high.




Similar Part No. - 74ACT16657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16657 TI1-74ACT16657 Datasheet
348Kb / 11P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
74ACT16657DL TI1-74ACT16657DL Datasheet
348Kb / 11P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
74ACT16657DLG4 TI1-74ACT16657DLG4 Datasheet
348Kb / 11P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
74ACT16657DLR TI1-74ACT16657DLR Datasheet
348Kb / 11P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
74ACT16657DLRG4 TI1-74ACT16657DLRG4 Datasheet
348Kb / 11P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
More results


Similar Description - 74ACT16657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16657 TI-SN54ABT16657 Datasheet
183Kb / 10P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT657A TI-SN54ABT657A Datasheet
159Kb / 9P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
9-BIT PARITY GENERATORS/CHECKERS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54ABT16657 TI-SN54ABT16657_08 Datasheet
355Kb / 12P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATORS/CHECKERS
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
9-Bit Parity Generators/Checkers
logo
Texas Instruments
54ACT16657 TI1-54ACT16657_08 Datasheet
348Kb / 11P
16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT657A TI1-SN54ABT657A_09 Datasheet
358Kb / 13P
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com