Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HG2425DPD Datasheet (PDF) - Infinite Electronics International, Inc.

HG2425DPD Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2425DPD
Download  HG2425DPD Download
File Size   273.14 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic Dish Antenna - Model: HG2425DPD

HG2425DPD Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2425DPD Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2425DPD
Download  HG2425DPD Click to download

File Size   273.14 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic Dish Antenna - Model: HG2425DPD

HG2425DPD Datasheet (HTML) - Infinite Electronics International, Inc.


HG2425DPD Product details

Applications
 2.4 GHz ISM band
 IEEE 802.11b/g/n wireless LAN, WiFi systems
 Long range directional applications
 Point to point and point to multi-point applications
 Wireless bridges and backhaul applications

Features
 Aluminum reflector dish with UV stable light
gray polymer finish
 Adjustable Dual and X Polarity feed horn
system with (2) N-Female connectors
 Perforated dish helps reduce wind loading
 Includes tilt and swivel mast mount k




Similar Part No. - HG2425DPD

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2420EG-1-NF L-COM-HG2420EG-1-NF Datasheet
411Kb / 3P
2.4 GHz to 2.5 GHz 20 dBi Lightweight Die-cast Grid Antenna Type N Female Connector
04/07/21
HG2420EG-1-NM L-COM-HG2420EG-1-NM Datasheet
410Kb / 3P
2.4 GHz to 2.5 GHz 20 dBi Lightweight Die-cast Grid Antenna Type N Male Connector
04/09/21
HG2420EG-1-TM L-COM-HG2420EG-1-TM Datasheet
410Kb / 3P
2.4 GHz to 2.5 GHz 20 dBi Lightweight Diecast Grid Antenna TNC Male Connector
04/09/21
HG2420EG-NF L-COM-HG2420EG-NF Datasheet
122Kb / 1P
2.4GHz 20dBi Grid Antenna w/12 Inch Connector Pigtail
06/28/11
HG2420EG-NF-5PK L-COM-HG2420EG-NF-5PK Datasheet
122Kb / 1P
2.4GHz 20dBi Grid Antenna w/12 Inch Connector Pigtail
06/28/11
More results


Similar Description - HG2425DPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
Parabolic Dish Antenna System
logo
Laird Tech Smart Techno...
GD5W LSTD-GD5W Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
S24024P LSTD-S24024P Datasheet
702Kb / 1P
Parabolic Dish Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Laird Tech Smart Techno...
GD5X LSTD-GD5X Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com