Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC5H60H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SSC5H60H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SSC5H60H
Download  SSC5H60H Download
File Size   433.42 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 60V Schottky Barrier Surface Mount Rectifier

SSC5H60H Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC5H60H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SSC5H60H
Download  SSC5H60H Click to download

File Size   433.42 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 60V Schottky Barrier Surface Mount Rectifier

SSC5H60H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SSC5H60H Product details

FEATURES
AEC-Q101 qualified
Low power loss, high efficiency
Ideal for automated placement
High surge current capability
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Low voltage, high frequency
DC/DC converter
Freewheeling diodes
Reverse battery protection
Car lighting




Similar Part No. - SSC5H60H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSC5H40H TSC-SSC5H40H Datasheet
433Kb / 6P
5A, 40V Schottky Barrier Surface Mount Rectifier
Version: A2504
More results


Similar Description - SSC5H60H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560 Datasheet
65Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 2 - 2
SBM540 DIODES-SBM540 Datasheet
71Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 3 - 2
SBM540 DIODES-SBM540_1 Datasheet
389Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 6 - 2
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
MBRM560 DIODES-MBRM560_2 Datasheet
120Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 6 - 2
logo
Unisonic Technologies
B540C UTC-B540C Datasheet
103Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B560C UTC-B560C Datasheet
103Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SMPD560 SECOS-SMPD560 Datasheet
267Kb / 2P
60V, 5A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSSA5U50H TSC-TSSA5U50H Datasheet
441Kb / 6P
5A, 50V - 60V Trench Schottky Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com